Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7645HEW Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7645HEW
Description  2.5 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7645HEW Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7645HEW Datasheet HTML 1Page - Pletronics, Inc. SM7645HEW Datasheet HTML 2Page - Pletronics, Inc. SM7645HEW Datasheet HTML 3Page - Pletronics, Inc. SM7645HEW Datasheet HTML 4Page - Pletronics, Inc. SM7645HEW Datasheet HTML 5Page - Pletronics, Inc. SM7645HEW Datasheet HTML 6Page - Pletronics, Inc. SM7645HEW Datasheet HTML 7Page - Pletronics, Inc. SM7645HEW Datasheet HTML 8Page - Pletronics, Inc. SM7645HEW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
-7
nS
All
C
LOAD = 15 pF
-
9
nS
< 35 MHZ
C
LOAD = 30 pF
-12
nS
> 35 MHZ
V
CC Supply Current (ICC)-
6
mA
< 8 MHZ
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-8
mA
> 8 MHZ and < 16 MHZ
-11
mA
> 16 MHZ and < 35 MHZ
-29
mA
> 35 MHZ
-7
mA
< 8 MHZ
C
LOAD = 30 pF
10% to 90% of V
CC
See Load Circuit
-8
mA
> 8 MHZ and < 16 MHZ
-10
mA
> 16 MHZ and < 35 MHZ
-41
mA
> 35 MHZ
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M


Similar Part No. - SM7645HEW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7645HE PLETRONICS-SM7645HE Datasheet
202Kb / 1P
   CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V)
SM7645HEV PLETRONICS-SM7645HEV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
More results

Similar Description - SM7645HEW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com