Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J115F21A12VDCN Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J115F21A12VDCN
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J115F21A12VDCN Datasheet(HTML) 2 Page - CIT Relay & Switch

  J115F21A12VDCN Datasheet HTML 1Page - CIT Relay & Switch J115F21A12VDCN Datasheet HTML 2Page - CIT Relay & Switch J115F21A12VDCN Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J115F2
General Data
Ordering Information
1. Series
J115F2
1C
12VDC
S
.9
J115F2
2. Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
3. Profile
Blank = Standard
L = Low profile
4. Coil Voltage
3VDC
12VAC
5VDC
24VAC
6VDC
110VAC
9VDC
120VAC
12VDC
220VAC
15VDC
240VAC
18VDC
277VAC
24VDC
48VDC
110VDC
5. Sealing Option
S = Sealed (standard)
N = No cover
6. Coil Power
.9 = .9W
.6 = .6W
Blank = 2VA (AC Coil)
7. Contact Material
Blank = AgSnO2
U = AgSnO2In2O3
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
1000M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
2500V rms min. @ sea level
Contact to Contact
1500V rms min. @ sea level
Shock Resistance
200m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-55oC to +125oC
Storage Temperature
-55oC to +155oC
Solderability
260oC for 5 s
Weight
35g


Similar Part No. - J115F21A12VDCN

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F21AHL110VDCN61.5U CIT-J115F21AHL110VDCN61.5U Datasheet
154Kb / 5P
   50A economical version
J115F21AHL110VDCNH1.5U CIT-J115F21AHL110VDCNH1.5U Datasheet
154Kb / 5P
   50A economical version
J115F21AHL110VDCS61.5U CIT-J115F21AHL110VDCS61.5U Datasheet
154Kb / 5P
   50A economical version
J115F21AHL110VDCSH1.5U CIT-J115F21AHL110VDCSH1.5U Datasheet
154Kb / 5P
   50A economical version
J115F21AHL12VDCN61.5U CIT-J115F21AHL12VDCN61.5U Datasheet
154Kb / 5P
   50A economical version
More results

Similar Description - J115F21A12VDCN

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com