Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7601501DA Datasheet(PDF) 11 Page - Texas Instruments

Part # 7601501DA
Description  50/30/100-MHz [RESETTABLE DECADE OR BINARY COUNTERS/LATCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

7601501DA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 7601501DA Datasheet HTML 7Page - Texas Instruments 7601501DA Datasheet HTML 8Page - Texas Instruments 7601501DA Datasheet HTML 9Page - Texas Instruments 7601501DA Datasheet HTML 10Page - Texas Instruments 7601501DA Datasheet HTML 11Page - Texas Instruments 7601501DA Datasheet HTML 12Page - Texas Instruments 7601501DA Datasheet HTML 13Page - Texas Instruments 7601501DA Datasheet HTML 14Page - Texas Instruments 7601501DA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 2


Similar Part No. - 7601501DA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76015-1114 MOLEX9-76015-1114 Datasheet
466Kb / 6P
   1.85mm by 3.70mm (.073 by .146) Pitch, GbX I-Trac??Vertical Header Module, Unguided, Left End Wall, 7 Rows, 10 Columns, 140 Circuits
76015-1125 MOLEX9-76015-1125 Datasheet
464Kb / 6P
   1.85mm by 3.70mm (.073" by .146") Pitch, GbX I-Trac Vertical Header Module
76015-1134 MOLEX9-76015-1134 Datasheet
466Kb / 6P
   1.85mm by 3.70mm (.073" by .146") Pitch, GbX I-Trac Vertical Header Module, Unguided, Right End Wall
More results

Similar Description - 7601501DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54176 TI-SN54176 Datasheet
350Kb / 8P
[Old version datasheet]   35-MHz PRESETTABLE DECADE AND BINARY COUNTERS/LATCHES
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
[Old version datasheet]   DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
   Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
   Decade, and Binary Counters
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
   Decade and Binary Counters
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
   Decade and Binary Counters
logo
Fairchild Semiconductor
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
   Decade and Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com