Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM513 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # EM513
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

EM513 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  EM513 Datasheet HTML 1Page - MIC GROUP RECTIFIERS EM513 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
VOLTAGE RANGE
1600 to 2000 Volts
EM513 THRU EM518
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.2
1.0
0.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
50
20
10
j
T =100
° C
CHARACTERISTICS
8
5
2
30
20
25
10
1
0
10
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) =T
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
0.8
0.6
50
0.4
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
10
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
° C)
j
T =25
° C
80
40
60
100
1.0
0.1
20
0.01
0
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
100
1.4
j
T =25
° C
1.2
1.0
0.8
0.6
1% Duty Cycle
Pulse Width=300us
1
0.1
0.01
100
10
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
10.0
1.0
4.0
0.1
10
REVERSE VOLTAGE,(VOLTS)
TJ=25
° C F=1MHz
1.6
1.8
2.0
140
120
jmax
j
T


Similar Part No. - EM513

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
EM513 PANJIT-EM513 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
First Components Intern...
EM513 FCI-EM513 Datasheet
232Kb / 2P
   1.0 Amp Surface Mount Glass Passivated Diode
logo
SEMTECH ELECTRONICS LTD...
EM513 SEMTECH_ELEC-EM513 Datasheet
185Kb / 2P
   SILICON RECTIFIERS
logo
Shunye Enterprise
EM513 SHUNYE-EM513 Datasheet
231Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Bytes
EM513 BYTES-EM513 Datasheet
151Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

Similar Description - EM513

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
BY127 MIC-BY127 Datasheet
45Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
P600A MIC-P600A Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N5400 PFS-1N5400 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com