Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-LX0603SYW-TR Datasheet(PDF) 1 Page - LUMEX INC.

Part # SML-LX0603SYW-TR
Description  1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX0603SYW-TR Datasheet(HTML) 1 Page - LUMEX INC.

  SML-LX0603SYW-TR Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SML-LX0603SYW-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX0603SGW-TR LUMEX-SML-LX0603SGW-TR Datasheet
115Kb / 1P
   1.6mm X 0.8mm Surface Mount Led
SML-LX0603SIW-E7 LUMEX-SML-LX0603SIW-E7 Datasheet
99Kb / 1P
   1.6mm X 0.8mm Surface Mount Led
SML-LX0603SIW-TR LUMEX-SML-LX0603SIW-TR Datasheet
60Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603SIW-TR LUMEX-SML-LX0603SIW-TR_17 Datasheet
416Kb / 2P
   1.6mm X 0.8mm Surface Mount Led
SML-LX0603SOW-TR LUMEX-SML-LX0603SOW-TR Datasheet
60Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
More results

Similar Description - SML-LX0603SYW-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX0603UWD-TR LUMEX-SML-LX0603UWD-TR Datasheet
64Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603YW-TR LUMEX-SML-LX0603YW-TR Datasheet
61Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603IW-TR LUMEX-SML-LX0603IW-TR Datasheet
61Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603SIW-TR LUMEX-SML-LX0603SIW-TR Datasheet
60Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603UPGW-TR LUMEX-SML-LX0603UPGW-TR Datasheet
60Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603SOW-TR LUMEX-SML-LX0603SOW-TR Datasheet
60Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603SUGW-TR LUMEX-SML-LX0603SUGW-TR Datasheet
60Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603SRW-TR LUMEX-SML-LX0603SRW-TR Datasheet
64Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LX0603USBW-TR LUMEX-SML-LX0603USBW-TR Datasheet
63Kb / 1P
   1.6mm x 0.8mm PCB CHIP, SURFACE MOUNT LED
SML-LXFM0603USBCTR LUMEX-SML-LXFM0603USBCTR Datasheet
63Kb / 1P
   1.6mm x 0.8mm SURFACE MOUNT LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com