Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J1512AP240VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J1512AP240VDC
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1512AP240VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  J1512AP240VDC Datasheet HTML 1Page - CIT Relay & Switch J1512AP240VDC Datasheet HTML 2Page - CIT Relay & Switch J1512AP240VDC Datasheet HTML 3Page - CIT Relay & Switch J1512AP240VDC Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J151
Coil Data AC Parameters
Coil Data DC Parameters
Contact Data
Features
21.6, 30.6, 40.6 x 27.6 x 35.0 mm
RoHS Compliant
Switching capacity up to 20A; small size and light weight
Low coil power consumption; high contact load
Strong resistance to shock and vibration
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.9W
1.4W
1.5W
6
7.8
40
N/A
N/A
4.50
.6
.90
1.40
1.50
25
25
12
15.6
160
100
96
9.00
1.2
24
31.2
650
400
360
18.00
2.4
36
46.8
1500
900
865
27.00
3.6
48
62.4
2600
1600
1540
36.00
4.8
110
143.0
11000
8400
6800
82.50
11.0
220
286.0
53778
34571
32267
165.00
22.0
Coil Voltage
VAC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VAC (max)
80% of rated
voltage
Release Voltage
VAC (min)
30% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
1.2VA
2.0VA
2.5VA
6
7.8
11.5
N/A
N/A
4.80
1.8
1.20
2.00
2.50
25
25
12
15.6
46
25.5
20
9.60
3.6
24
31.2
184
102
80
19.20
7.2
36
46.8
370
230
180
28.80
10.8
48
62.4
735
410
320
38.40
14.4
110
143.0
3900
2300
1680
88.00
33.0
120
156.0
4550
2530
1990
96.00
36.0
220
286.0
14400
8600
3700
176.00
66.0
240
312.0
19000
10555
8280
192.00
72.0
E197851
Contact
1A, 1B, 1C = SPST N.O., SPST N.C., SPDT
Arrangement
2A, 2B, 2C = DPST N.O., DPST N.C., DPDT
3A, 3B, 3C = 3PST N.O., 3PST N.C., 3PDT
4A, 4B, 4C = 4PST N.O., 4PST N.C., 4PDT
Contact Rating
1 Pole : 20A @ 277VAC & 28VDC
2 Pole : 12A @ 250VAC & 28VDC
2 Pole : 10A @ 277VAC; 1/2hp @ 125VAC
3 Pole : 12A @ 250VAC & 28VDC
3 Pole : 10A @ 277VAC; 1/2hp @ 125VAC
4 Pole : 12A @ 250VAC & 28VDC
4 Pole : 10A @ 277VAC; 1/2hp @ 125VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
5540VA, 560W
Maximum Switching Voltage
300VAC
Maximum Switching Current
20A


Similar Part No. - J1512AP240VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1512AP240VAC.9DGT CIT-J1512AP240VAC.9DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1512AP240VAC1.2DGT CIT-J1512AP240VAC1.2DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1512AP240VAC1.4DGT CIT-J1512AP240VAC1.4DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1512AP240VAC1.5DGT CIT-J1512AP240VAC1.5DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1512AP240VAC2.0DGT CIT-J1512AP240VAC2.0DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
More results

Similar Description - J1512AP240VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com