Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGXE250E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EGXE250E
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGXE250E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EGXE250E Datasheet HTML 1Page - United Chemi-Con, Inc. EGXE250E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Long Life, Downsized, 125C
CAT. No. E1001E
Sleeve (PET)
L'
15min.
4min.
Vent
@For automobile modules and other high temperature applications
@Downsize, long life, low impedance and better low temperature characteristics
@Endurance with ripple current : 125C 2000 to 5000 hours
@Solvent-proof type except 63 to 450V (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
Items
Characteristics
(at 20C, 120Hz)
(at 20C, 1 minute)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
-40 to +125C (10 to 250Vdc ) -25 to +125C (350 to 450Vdc)
10 to 450Vdc
P20% (M)
10 to 100Vdc
I=0.03CV or 4MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the above value for each 1000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified time at 125C.
Time
F8 : 2000hours F10 : 3000hours F12.5 & F16 : 5000hours
2000hours
Capacitance change
[P30% of the initial value
[P20% of the initial value
D.F. (tanE)
[300% of the initial specified value
[200% of the initial specified value
Leakage current
[The initial specified value
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours (500 hours
for 350 to 450WV) at 125C without voltage applied.
Capacitance change
[P30% of the initial value
[P20% of the initial value
D.F. (tanE)
[300% of the initial specified value [200% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
10V
0.20
10V
3
6
16V
0.16
16V
2
4
25V
0.14
25V
2
4
35V
0.12
35V
2
4
50V
0.10
50V
2
4
63V
0.10
63V
2
4
80V
0.08
80V
2
4
100V
0.08
100V
2
4
160 to 250V
0.20
160 to 250V
3
6
350 to 450V
0.24
350 to 450V
6
-
160 to 450Vdc
CV[1000
I=0.1CV+40
CV>1000
I=0.04CV+100
10 to 100Vdc
160 to 450Vdc
10 to 100Vdc
160 to 450Vdc
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
8
0.6
3.5
fD
fd
F
fD'
L'
10
0.6
5.0
12.5
0.6
5.0
16
0.8
7.5
FD+0.5max.
L+2.0max.
downsized
longer life
longer life
GXE
GXD
GXL
(F8 & F10)
(F12.5 & F16)
Gas escape end seal
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 10V:100,100V:101)
Series code
Category
E G X E A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (radial lead type)"
(1/2)


Similar Part No. - EGXE250E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGXE250E CHEMI-CON-EGXE250E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE250E CHEMI-CON-EGXE250E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE250E CHEMI-CON-EGXE250E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE250E CHEMI-CON-EGXE250E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results

Similar Description - EGXE250E

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com