Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHACB631V124S0LGZ0 Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # FHACB631V124S0LGZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FHACB631V124S0LGZ0 Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  FHACB631V124S0LGZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FHACB631V124S0LGZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FHACB631V124S0LGZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
1000
1250
HACB3A274S
HACB3A334S
HACB3A394S
HACB3A474S
HACB3A564S
HACB3A684S
HACB3A824S
HACB3A105S
HACB3A125S
HACB3B123S
HACB3B153S
HACB3B183S
HACB3B223S
HACB3B273S
HACB3B333S
HACB3B393S
HACB3B473S
HACB3B563S
HACB3B683S
HACB3B823S
HACB3B104S
HACB3B124S
HACB3B154S
HACB3B184S
HACB3B224S
HACB3B274S
HACB3B334S
HACB3B394S
HACB3B474S
HACB3B564S
HACB3B684S
HACB3B824S
HACB3B105S
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
27.7
42.7
17.7
22.7
27.7
42.7
52.7
18.0
19.6
21.1
22.9
25.0
27.3
22.8
25.0
27.1
8.5
9.2
9.8
10.5
11.3
12.2
13.1
14.0
13.3
14.4
15.5
16.9
18.4
17.2
18.6
20.3
22.3
24.4
26.3
21.9
23.7
25.8
27.6
27.0
17.1
18.6
20.1
21.9
23.8
26.0
21.8
23.8
25.8
8.2
8.8
9.3
10.1
10.8
11.7
12.5
13.4
12.7
13.7
14.8
16.1
17.5
16.4
17.7
19.3
21.3
23.3
25.1
20.8
22.6
24.6
26.3
25.7
22.5
37.5
12.5
17.5
22.5
37.5
47.5
1.0
0.8
1.0
4.51
4.99
5.43
5.96
6.51
7.16
4.70
5.19
5.68
1.95
2.18
2.39
2.64
2.92
3.23
3.51
3.86
3.11
3.43
3.76
4.16
4.56
3.84
4.21
4.66
5.16
5.70
6.20
4.03
4.40
4.85
5.32
4.60
350
400
FHACB102V274S2LEZ0
FHACB102V334S2LEZ0
FHACB102V394S2LEZ0
FHACB102V474S2LEZ0
FHACB102V564S2LEZ0
FHACB102V684S2LEZ0
FHACB102V824S4LJZ0
FHACB102V105S4LJZ0
FHACB102V125S4LJZ0
FHACB1C2V123S0LGZ0
FHACB1C2V153S0LGZ0
FHACB1C2V183S0LGZ0
FHACB1C2V223S0LGZ0
FHACB1C2V273S0LGZ0
FHACB1C2V333S0LGZ0
FHACB1C2V393S0LGZ0
FHACB1C2V473S0LGZ0
FHACB1C2V563S1LHZ0
FHACB1C2V683S1LHZ0
FHACB1C2V823S1LHZ0
FHACB1C2V104S1LHZ0
FHACB1C2V124S1LHZ0
FHACB1C2V154S2LEZ0
FHACB1C2V184S2LEZ0
FHACB1C2V224S2LEZ0
FHACB1C2V274S2LEZ0
FHACB1C2V334S2LEZ0
FHACB1C2V394S2LEZ0
FHACB1C2V474S4LJZ0
FHACB1C2V564S4LJZ0
FHACB1C2V684S4LJZ0
FHACB1C2V824S4LJZ0
FHACB1C2V105SULWZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
1600
HACB3C472S
HACB3C562S
HACB3C682S
HACB3C822S
HACB3C103S
HACB3C123S
HACB3C153S
HACB3C183S
HACB3C223S
HACB3C273S
HACB3C333S
HACB3C393S
HACB3C473S
HACB3C563S
HACB3C683S
HACB3C823S
HACB3C104S
HACB3C124S
HACB3C154S
HACB3C184S
HACB3C224S
HACB3C274S
HACB3C334S
HACB3C394S
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
19.7
22.7
27.7
42.7
8.8
9.3
10.0
10.7
11.5
12.3
13.5
14.6
15.8
13.0
14.0
15.1
16.4
17.6
19.1
17.4
19.0
20.6
22.8
24.7
27.2
23.4
25.9
27.9
8.5
9.0
9.6
10.2
11.0
11.8
12.9
13.9
15.1
12.4
13.4
14.4
15.6
16.8
18.2
16.6
18.1
19.6
21.8
23.6
25.9
22.3
24.7
26.6
15.0
17.5
22.5
37.5
0.8
1.0
1.32
1.58
1.93
2.12
2.34
2.56
2.86
3.14
3.47
2.61
2.88
3.13
3.44
3.75
4.14
3.38
3.73
4.09
4.56
5.00
5.53
3.62
4.41
4.84
450
FHACB162V472SKLDZ0
FHACB162V562SKLDZ0
FHACB162V682SKLDZ0
FHACB162V822SKLDZ0
FHACB162V103SKLDZ0
FHACB162V123SKLDZ0
FHACB162V153SKLDZ0
FHACB162V183SKLDZ0
FHACB162V223SKLDZ0
FHACB162V273S1LHZ0
FHACB162V333S1LHZ0
FHACB162V393S1LHZ0
FHACB162V473S1LHZ0
FHACB162V563S1LHZ0
FHACB162V683S1LHZ0
FHACB162V823S2LEZ0
FHACB162V104S2LEZ0
FHACB162V124S2LEZ0
FHACB162V154S2LEZ0
FHACB162V184S2LEZ0
FHACB162V224S2LEZ0
FHACB162V274S4LJZ0
FHACB162V334S4LJZ0
FHACB162V394S4LJZ0
Previous Part Number
(Just for your reference)
(1)The symbol “S” is Capacitance tolerance code. (J : P5%, H : P3%)
(2)The maximum ripple current : +85C max., 100kHz, sine wave
(3)WV(Vac) : 50Hz or 60Hz, sine wave
(2/3)


Similar Part No. - FHACB631V124S0LGZ0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FHAC0001LXN LITTELFUSE-FHAC0001LXN Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001SXJ LITTELFUSE-FHAC0001SXJ Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001XP LITTELFUSE-FHAC0001XP Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
148Kb / 1P
   ATO IN-LINE FUSEHOLDER
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
More results

Similar Description - FHACB631V124S0LGZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com