Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFTP101LGN103MR95N Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EFTP101LGN103MR95N
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EFTP101LGN103MR95N Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EFTP101LGN103MR95N Datasheet HTML 1Page - United Chemi-Con, Inc. EFTP101LGN103MR95N Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS Inverter-use screw terminal, 85C
CAT. No. E1001E
L+2max.
L+12max.
35+3max.
32+3max.
Vent
2-M5
2.9P0.5
Sleeve
L+11max.
L+2max.
26+3max.
23+3max.
Vent
2-M5
2.4P0.5
Sleeve
@Ideal for inverter smoothing capacitors such as Electric Vehicle, Hybrid Car, etc.
@Endurance with ripple current : 85C 5000 hours
@Rated voltage range : 63 to 450Vdc
@Lower profile offers drastic space saving comparing to conventional cylindrical type
@Superior heat radiation realizes higher ripple current
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 5 minutes)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
Endurance
Shelf Life
Items
-40 to +85C (63K100Vdc), -25 to +85C (350K450Vdc)
63 to 450Vdc
P20% (M)
I=0.02CV or 5mA, whichever is smaller.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
0.25 max.
Capacitance change
63 to 100Vdc : C(-40C)/C(+20C)]0.6
350 to 450Vdc : C(-25C)/C(+20C)]0.7
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 5000 hours at 85C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 85C
without voltage applied.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
?PART NUMBERING SYSTEM
?DIMENSIONS (Screw-Mount) [mm]
@Size Code : L
@Size Code : R
<Screw specifications>
Plus hexagon-headed screw: M5B0.8
Maximum screw tightening torque: 3.23Nm
@Terminal Code : LG
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 270MF:271,10000MF:103)
Mounting clamp code
Terminal code
Voltage code (ex. 63V:630,100V:101,450V:451)
Series code
Category
E F T P A A A L G N A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (screw-mount terminal type)"
(1/2)


Similar Part No. - EFTP101LGN103MR95N

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
EFT15/27 SATCO-EFT15/27 Datasheet
123Kb / 1P
   15 watt; Bullet Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
EFT15/50 SATCO-EFT15/50 Datasheet
123Kb / 1P
   15 watt; Bullet Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - EFTP101LGN103MR95N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com