Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHACD631V474J1LHZ0 Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # FHACD631V474J1LHZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FHACD631V474J1LHZ0 Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  FHACD631V474J1LHZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FHACD631V474J1LHZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FHACD631V474J1LHZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
?DIMENSIONS (mm)
W+2.5 max.
T+2.0 max.
FdP0.05
MARKING
FP1.0
2000
2500
HACD3D223J
HACD3D273J
HACD3D333J
HACD3D393J
HACD3D473J
HACD3D563J
HACD3D683J
HACD3D823J
HACD3D104J
HACD3D124J
HACD3D154J
HACD3D184J
HACD3D224J
HACD3D274J
HACD3D334J
HACD3E153J
HACD3E183J
HACD3E223J
HACD3E273J
HACD3E333J
HACD3E393J
HACD3E473J
HACD3E563J
HACD3E683J
HACD3E823J
HACD3E104J
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
22.7
27.7
42.7
34.7
13.1
14.0
15.1
16.1
17.3
18.6
17.5
18.8
20.5
22.1
24.4
26.4
22.6
24.7
27.0
12.7
13.6
14.8
16.1
17.4
18.8
20.4
22.0
24.0
26.1
28.7
12.5
13.4
14.4
15.3
16.5
17.7
16.6
18.0
19.5
21.1
23.2
25.2
21.5
23.5
25.7
12.1
13.0
14.1
15.3
16.6
17.9
19.4
21.0
22.9
24.9
27.3
17.5
22.5
37.5
30.0
0.8
1.0
1.0
2.27
2.51
2.78
3.02
3.32
3.62
3.22
3.54
3.91
4.28
4.79
5.24
3.93
4.35
4.81
2.11
2.31
2.55
2.83
3.13
3.40
3.73
4.07
4.49
4.93
5.44
350
500
FHACD202V223J1LHZ0
FHACD202V273J1LHZ0
FHACD202V333J1LHZ0
FHACD202V393J1LHZ0
FHACD202V473J1LHZ0
FHACD202V563J1LHZ0
FHACD202V683J2LEZ0
FHACD202V823J2LEZ0
FHACD202V104J2LEZ0
FHACD202V124J2LEZ0
FHACD202V154J2LEZ0
FHACD202V184J2LEZ0
FHACD202V224JTLJZ0
FHACD202V274JTLJZ0
FHACD202V334JTLJZ0
FHACD252V153JRLQZ0
FHACD252V183JRLQZ0
FHACD252V223JRLQZ0
FHACD252V273JRLQZ0
FHACD252V333JRLQZ0
FHACD252V393JRLQZ0
FHACD252V473JRLQZ0
FHACD252V563JRLQZ0
FHACD252V683JRLQZ0
FHACD252V823JRLQZ0
FHACD252V104JRLQZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
3150
4000
HACD3F682J
HACD3F822J
HACD3F103J
HACD3F123J
HACD3F153J
HACD3F183J
HACD3F223J
HACD3F273J
HACD3F333J
HACD3F393J
HACD3F473J
HACD3G392J
HACD3G472J
HACD3G562J
HACD3G682J
HACD3G822J
HACD3G103J
HACD3G123J
HACD3G153J
HACD3G183J
HACD3G223J
HACD3G273J
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
34.7
34.7
12.5
13.3
14.5
15.5
17.1
18.5
20.2
22.1
24.1
26.0
28.3
12.0
13.0
13.8
15.0
16.2
17.6
19.0
21.0
22.8
25.0
27.4
11.9
12.7
13.8
14.8
16.3
17.6
19.2
21.1
23.0
24.8
27.0
11.5
12.4
13.2
14.3
15.4
16.8
18.1
20.0
21.8
23.8
26.1
30.0
30.0
1.0
1.0
1.64
1.80
1.99
2.18
2.44
2.67
2.95
3.27
3.62
3.93
4.31
1.63
1.79
1.95
2.15
2.36
2.60
2.85
3.19
3.49
3.86
4.28
630
720
FHACD3B2V682JRLQZ0
FHACD3B2V822JRLQZ0
FHACD3B2V103JRLQZ0
FHACD3B2V123JRLQZ0
FHACD3B2V153JRLQZ0
FHACD3B2V183JRLQZ0
FHACD3B2V223JRLQZ0
FHACD3B2V273JRLQZ0
FHACD3B2V333JRLQZ0
FHACD3B2V393JRLQZ0
FHACD3B2V473JRLQZ0
FHACD402V392JRLQZ0
FHACD402V472JRLQZ0
FHACD402V562JRLQZ0
FHACD402V682JRLQZ0
FHACD402V822JRLQZ0
FHACD402V103JRLQZ0
FHACD402V123JRLQZ0
FHACD402V153JRLQZ0
FHACD402V183JRLQZ0
FHACD402V223JRLQZ0
FHACD402V273JRLQZ0
Previous Part Number
(Just for your reference)
(1)The maximum ripple current : +85C max., 100kHz, sine wave
(2)WV(Vac) : 50Hz or 60Hz, sine wave
(3/3)


Similar Part No. - FHACD631V474J1LHZ0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FHAC0001LXN LITTELFUSE-FHAC0001LXN Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001SXJ LITTELFUSE-FHAC0001SXJ Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001XP LITTELFUSE-FHAC0001XP Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
148Kb / 1P
   ATO IN-LINE FUSEHOLDER
FHAC0001ZXJ LITTELFUSE-FHAC0001ZXJ Datasheet
175Kb / 1P
   ATO짰 FHAC SERIES
2022
More results

Similar Description - FHACD631V474J1LHZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com