Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7744HEW Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # SM7744HEW
Description  2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7744HEW Datasheet(HTML) 6 Page - Pletronics, Inc.

  SM7744HEW Datasheet HTML 1Page - Pletronics, Inc. SM7744HEW Datasheet HTML 2Page - Pletronics, Inc. SM7744HEW Datasheet HTML 3Page - Pletronics, Inc. SM7744HEW Datasheet HTML 4Page - Pletronics, Inc. SM7744HEW Datasheet HTML 5Page - Pletronics, Inc. SM7744HEW Datasheet HTML 6Page - Pletronics, Inc. SM7744HEW Datasheet HTML 7Page - Pletronics, Inc. SM7744HEW Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM77H Series 2.5 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.276 +
_0.006
7.00 +
_0.15
B
0.197 +
_0.006
5.00 +
_0.15
C
0.068 +
_0.018
1.73 +
_0.44
D
1
0.038
0.96
E
1
0.200
5.08
F
1
0.004
0.10
G
1
0.050
1.27
H
1
0.055
1.40
The detents “L” 4 each on package end
are optional
Not to Scale
1 Typical dimensions
I
1
0.024
0.60
J
1
0.004
0.10R
K
1
0.008
0.020R
Contacts :
Gold 11.8 µinches
0.3 µm minimum over Nickel 50 to 350 µinches
1.27 to 8.89 µm
Pad
Function
Note
1
Output
Enable/Disable
When this pin is not connected the oscillator shall operate.
When this pin is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pin to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - SM7744HEW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM7744HE ETC1-SM7744HE Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7744HE PLETRONICS-SM7744HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7744HEV PLETRONICS-SM7744HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7744HEX PLETRONICS-SM7744HEX Datasheet
110Kb / 8P
   1.8 V CMOS Clock Oscillators
More results

Similar Description - SM7744HEW

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7645HEW PLETRONICS-SM7645HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com