Selected language     English  ▼


SM7720HE Datasheet(PDF) 2 Page - Pletronics, Inc.

Part No. SM7720HE
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 2 page
background image
SM77H Series 5.0 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
2
PART NUMBER:
SM77
45
H
E
Y*
- 50.0M
-XX
Part Marking:
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
PLE SM77
FF.FFF M
C YMDXX
or
PLE SM77
FF.FFF M
C YYWWXX
or
7XYWWXX
FF.FFF M
C PLE XXX
Frequency in MHz
(*Y is only included in
Supply Voltage V
CC
Y = 5.0V +
_ 10%
P/N if Enhanced OTR is not chosen)
Examples: SM7745HE, SM7745HY
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
FF.FFF M = Frequency in MHz
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes. Specifications such as frequency stability, supply voltage
and operating temperature range, etc. are not identified from the marking. External packaging labels
and packing list will correctly identify the ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31
Legacy Part Numbers:
‘S’
Denoted Symmetry of 45%/55% at 50% of V
CC. This is now the standard Duty Cycle and is no longer needed in
the part number. For example: SM7745HY and SM7745HS describe the same specifications and can be used
interchangeably by the customer.
-30
Denoted Output Load other than the standard 15 pF. Data sheets now reflect the specifications at all available
loads so this load designation is no longer needed. We’ll still support part numbers with this load designation.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7745DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESP113SD Series 5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545ME5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESXP113SD Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl