Selected language     English  ā–¼


SM7720HE Datasheet(PDF) 5 Page - Pletronics, Inc.

Part No. SM7720HE
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 5 page
background image
SM77H Series 5.0 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
5
Trise
10% * Vcc
Ground
Vlow
50% * Vcc
90% * Vcc
Vhigh
Tfall
Symmetry
Load Circuit and Test Waveform
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7745DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESP113SD Series 5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545ME5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESXP113SD Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl