Selected language     English  ā–¼


SM7745HV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part No. SM7745HV
Description  3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 4 page
background image
SM77H Series 3.3 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
-
5
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-3
nS
> 35 MHz
-
8
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
-5
nS
> 35 MHz
V
CC Supply Current (ICC)-
9
mA
< 8 MHz
C
LOAD = 15 pF
-11
mA
> 8 MHz and < 16 MHz
-17
mA
> 16 MHz and < 35 MHz
-26
mA
> 35 MHz
-12
mA
< 8 MHz
C
LOAD = 30 pF
-16
mA
> 8 MHz and < 16 MHz
-22
mA
> 16 MHz and < 35 MHz
-35
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7645DEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645HEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745DEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM3344TEVSM33T Series 3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM4445TEVSM44T Series 3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESVP113SD Series 3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl