Selected language     English  ▼


SM7745H Datasheet(PDF) 3 Page - Pletronics, Inc.

Part No. SM7745H
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 3 page
background image
SM77H Series 5.0 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for 5.0V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
0.8
69.9
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for
1 year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
CMOS
Output High Level
90
-
%
of V
CC
(See load circuit)
Output Low Level
-
10
%
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.6
pS RMS
12 KHz to 20 MHz from the output frequency
-
2.5
pS RMS
10 Hz to 1 MHz from the output frequency
Enable/Disable Internal Pull-up
50
-
Kohm
to V
CC
V disable
-
30
%
of V
CC applied to pin 1
V enable
70
-
%
Output leakage
V
OUT = VCC
-10
+10
uA
Pin 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Standby Current I
CC
-3
uA
Enable time
-
100
nS
Time for output to reach a logic state
Disable time
-
100
nS
Time for output to reach a high Z state
Start up time
-
3
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
-40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7745DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESP113SD Series 5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545ME5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESXP113SD Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl