Selected language     English  ▼


SM7745H Datasheet(PDF) 7 Page - Pletronics, Inc.

Part No. SM7745H
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 7 page
background image
SM77H Series 5.0 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
7
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
16 mm
12.1
14.25
7.5 +
_0.1
8.0 +
_0.1
8.0
16.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.0
Reel dimensions may vary from the above




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7745DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESP113SD Series 5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545ME5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESXP113SD Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl