Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMH6R3VSN393MR35T Datasheet(PDF) 11 Page - United Chemi-Con, Inc.

Part # EKMH6R3VSN393MR35T
Description  Standard Voltage Ratings - Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH6R3VSN393MR35T Datasheet(HTML) 11 Page - United Chemi-Con, Inc.

Back Button EKMH6R3VSN393MR35T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 11Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 12Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 13Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 14Page - United Chemi-Con, Inc. EKMH6R3VSN393MR35T Datasheet HTML 15Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
200 Volts
250 Volts Surge
180 Volts
225 Volts Surge
KMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
11/ 15
560
EKMH181VSN561MP40T
22
40
P40
0.296
1.51
680
EKMH181VSN681MP45T
22
45
P45
0.244
1.71
820
EKMH181VSN821MP50T
22
50
P50
0.202
1.97
270
EKMH181VSN271MQ20T
25.4
20
Q20
0.921
0.92
330
EKMH181VSN331MQ25T
25.4
25
Q25
0.502
1.2
390
EKMH181VSN391MQ25T
25.4
25
Q25
0.425
1.3
470
EKMH181VSN471MQ30T
25.4
30
Q30
0.353
1.4
560
EKMH181VSN561MQ35T
25.4
35
Q35
0.296
1.53
680
EKMH181VSN681MQ40T
25.4
40
Q40
0.244
1.74
820
EKMH181VSN821MQ45T
25.4
45
Q45
0.202
1.97
1,000
EKMH181VSN102MQ50T
25.4
50
Q50
0.166
2.23
390
EKMH181VSN391MR20T
30
20
R20
0.638
1.17
470
EKMH181VSN471MR25T
30
25
R25
0.353
1.38
560
EKMH181VSN561MR25T
30
25
R25
0.296
1.51
680
EKMH181VSN681MR30T
30
30
R30
0.244
1.72
820
EKMH181VSN821MR35T
30
35
R35
0.202
2.0
1,000
EKMH181VSN102MR40T
30
40
R40
0.166
2.24
1,200
EKMH181VSN122MR45T
30
45
R45
0.138
2.52
1,500
EKMH181VSN152MR50T
30
50
R50
0.111
2.89
470
EKMH181VSN471MA20T
35
20
A20
0.529
1.41
560
EKMH181VSN561MA20T
35
20
A20
0.444
1.53
680
EKMH181VSN681MA25T
35
25
A25
0.366
1.74
820
EKMH181VSN821MA25T
35
25
A25
0.303
1.91
1,000
EKMH181VSN102MA30T
35
30
A30
0.249
2.26
1,200
EKMH181VSN122MA35T
35
35
A35
0.207
2.5
1,500
EKMH181VSN152MA40T
35
40
A40
0.166
2.89
1,800
EKMH181VSN182MA40T
35
40
A40
0.138
3.17
2,200
EKMH181VSN222MA50T
35
50
A50
0.113
3.6
2,700
EKMH181VSN272MA63T
35
63
A63
0.092
4.01
3,300
EKMH181VSN332MA80T
35
80
A80
0.075
4.74
1,000
EKMH181VQT102MB25T
40
25
B25
0.249
2.01
1,500
EKMH181VQT152MB30T
40
30
B30
0.166
2.57
1,800
EKMH181VQT182MB35T
40
35
B35
0.138
2.92
2,200
EKMH181VQT222MB40T
40
40
B40
0.113
3.33
2,700
EKMH181VQT272MB50T
40
50
B50
0.092
3.92
3,900
EKMH181VQT392MB63T
40
63
B63
0.064
5.03
4,700
EKMH181VQT472MB80T
40
80
B80
0.053
6.01
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
150
EKMH201VSN151MP20T
22
20
P20
1.658
0.66
180
EKMH201VSN181MP20T
22
20
P20
1.381
0.72
220
EKMH201VSN221MP25T
22
25
P25
0.753
0.79
270
EKMH201VSN271MP25T
22
25
P25
0.614
0.87
330
EKMH201VSN331MP30T
22
30
P30
0.502
1.2
390
EKMH201VSN391MP35T
22
35
P35
0.425
1.31
470
EKMH201VSN471MP40T
22
40
P40
0.353
1.4
560
EKMH201VSN561MP45T
22
45
P45
0.296
1.56
680
EKMH201VSN681MP50T
22
50
P50
0.244
1.74
220
EKMH201VSN221MQ20T
25.4
20
Q20
1.13
0.83
270
EKMH201VSN271MQ25T
25.4
25
Q25
0.614
1.09
330
EKMH201VSN331MQ25T
25.4
25
Q25
0.502
1.21
390
EKMH201VSN391MQ25T
25.4
25
Q25
0.425
1.31
470
EKMH201VSN471MQ30T
25.4
30
Q30
0.353
1.41
560
EKMH201VSN561MQ35T
25.4
35
Q35
0.296
1.53
680
EKMH201VSN681MQ40T
25.4
40
Q40
0.244
1.74
820
EKMH201VSN821MQ50T
25.4
50
Q50
0.202
2.04
330
EKMH201VSN331MR20T
30
20
R20
0.753
1.08
390
EKMH201VSN391MR25T
30
25
R25
0.425
1.37
470
EKMH201VSN471MR25T
30
25
R25
0.353
1.5
560
EKMH201VSN561MR25T
30
25
R25
0.296
1.63
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH6R3VSN393MR35T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN393MR35T CHEMI-CON-EKMH6R3VSN393MR35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
More results

Similar Description - EKMH6R3VSN393MR35T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com