Selected language     English  ▼


SM7720MX Datasheet(PDF) 6 Page - Pletronics, Inc.

Part No. SM7720MX
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 6 page
background image
SM77M Series 1.8 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.276 +_0.006
7.00 +_0.15
B
0.197 +_0.006
5.00 +_0.15
C
0.068 +_0.018
1.73 +_0.44
D1
0.038
0.96
E1
0.200
5.08
F1
0.004
0.10
G1
0.050
1.27
H1
0.055
1.40
Not to Scale
1 Typical dimensions
I1
0.024
0.60
J1
0.004
0.10R
K1
0.008
0.020R
Contacts :
Gold 11.8 μinches
0.3 μm minimum over Nickel 50 to 350 μinches
1.27 to 8.89 μm
Pad
Function
Note
1
Output
Enable/Disable
When this pin is not connected the oscillator shall operate.
When this pin is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pin to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P1145-3SDESXP113SD Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM3344TEXSM33T Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM4445TEXSM44T Series 1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745DEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745HEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl