Selected language     English  ā–¼


SM7745MW Datasheet(PDF) 4 Page - Pletronics, Inc.

Part No. SM7745MW
Description  2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 4 page
background image
SM77M Series 2.5 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
4
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.8
5.5
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
36
nS
> 35 MHz
4.5
9
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
612
nS
> 35 MHz
V
CC Supply Current (ICC)
1.5
2.5
mA
< 8 MHz
C
LOAD = 15 pF
1.8
3
mA
> 8 MHz and < 16 MHz
2.4
4
mA
> 16 MHz and < 35 MHz
79
mA
> 35 MHz
23
mA
< 8 MHz
C
LOAD = 30 pF
2.2
3.5
mA
> 8 MHz and < 16 MHz
2.5
4.5
mA
> 16 MHz and < 35 MHz
10
13
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P1145-3SDESWP113SD Series 2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM3344TEWSM33T Series 2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM4445TEWSM44T Series 2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645HEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745DEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl