Selected language     English  ▼


SM7744MW Datasheet(PDF) 1 Page - Pletronics, Inc.

Part No. SM7744MW
Description  2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 1 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2006, 2007 Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM77M Series 2.5V
CMOS Clock Oscillators
Feb 2008
• Pletronics’ SM77M Series is a quartz crystal
controlled precision square wave generator with a
CMOS output.
• The package is designed for high density surface
mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 0.8 to 70 MHz
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable
• Disable function includes low standby power
mode
• Low Jitter
• Optimized for low power applications
(battery)
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Io Output Current
+25 mA to -25 mA
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane
and construction of the PCB.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P1145-3SDESWP113SD Series 2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM3344TEWSM33T Series 2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM4445TEWSM44T Series 2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545MEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645HEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745DEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl