Electronic Components Datasheet Search
Selected language     English  ā–¼


SM7745ME Datasheet(PDF) 4 Page - Pletronics, Inc.

Part No. SM7745ME
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

   
 4 page
background image
SM77M Series 5.0 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 5.0V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
1
2
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
1.5
3
nS
> 35 MHz
2.5
3.5
nS
< 35 MHz
C
LOAD = 30 pF
10% to 90% of V
CC
See Load Circuit
2.5
5
nS
> 35 MHz
4
6
nS
< 35 MHz
C
LOAD = 50 pF
10% to 90% of V
CC
See Load Circuit
48
nS
> 35 MHz
V
CC Supply Current (ICC)
7
11
mA
< 8 MHz
C
LOAD = 15 pF
813
mA
> 8 MHz and < 16 MHz
915
mA
> 16 MHz and < 35 MHz
28
58
mA
> 35 MHz
7.5
12
mA
< 8 MHz
C
LOAD = 30 pF
8.5
14
mA
> 8 MHz and < 16 MHz
11
17
mA
> 16 MHz and < 35 MHz
33
63
mA
> 35 MHz
813
mA
< 8 MHz
C
LOAD = 50 pF
915
mA
> 8 MHz and < 16 MHz
15
22
mA
> 16 MHz and < 35 MHz
40
70
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit
Typical
phase noise
plot for 5
oscillators at
different
output
frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM7745DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745HE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
P1145-3SDESP113SD Series 5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545ME5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545TE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7645DE5.0 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM77HCMOS Clock Oscillators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SM5545GEW2.5 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM7745GEX1.8 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.
SM5545GEV3.3 V CMOS Clock Oscillators 1 2 3 4 5 MorePletronics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl