Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER258G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HER258G
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HER258G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HER258G Datasheet HTML 1Page - MIC GROUP RECTIFIERS HER258G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HER251G THRU HER258G
CURRENT
2.5 Ampere
FEATURES
Glass passivated chip junction
Low power loss, high efficiency
Low leakage
High speed switching
High surge capacity
High temperature soldering guaranteed
260℃/10 seconds,0.375″(9.5mm) lead length
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.020ounce, 0.56 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
HER
251G
HER
252G
HER
253G
HER
254G
HER
255G
HER
256G
HER
257G
HER
258G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
at TA =50℃
I(AV)
2.5
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 2.5A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at rated
DC Blocking Voltage at
TA = 125℃
IR
250
µA
Maximum Full Load Reverse Current, full cycle
average 0.375″(9.5mm) lead length at TL =55℃
IR(AV)
100
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A,
IR =1.0A, IRR =0.25A,
trr
50
75
nS
Typical Junction Capacitance (NOTE 2)
CJ
30
35
pF
Typical Thermal Resistance (NOTE 1)
RθJA
35
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Thermal Resistance from Junction to ambient with 0.375″(9.5mm) lead length, PCB mounted.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V
R-3
Dimensions in inches and (millimeters)


Similar Part No. - HER258G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER258G DACHANG-HER258G Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER258G DACHANG-HER258G Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers
More results

Similar Description - HER258G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com