Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT16501 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54ABT16501
Description  18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT16501 Datasheet(HTML) 8 Page - Texas Instruments

  SN54ABT16501 Datasheet HTML 1Page - Texas Instruments SN54ABT16501 Datasheet HTML 2Page - Texas Instruments SN54ABT16501 Datasheet HTML 3Page - Texas Instruments SN54ABT16501 Datasheet HTML 4Page - Texas Instruments SN54ABT16501 Datasheet HTML 5Page - Texas Instruments SN54ABT16501 Datasheet HTML 6Page - Texas Instruments SN54ABT16501 Datasheet HTML 7Page - Texas Instruments SN54ABT16501 Datasheet HTML 8Page - Texas Instruments SN54ABT16501 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SN54ABT16501, SN74ABT16501
18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS086C – FEBRUARY 1991 – REVISED JANUARY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
Output
Control
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54ABT16501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16501 TI1-SN54ABT16501 Datasheet
395Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI1-SN54ABT16501_08 Datasheet
395Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT16501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com