Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKRE100ESS680MF05D Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKRE100ESS680MF05D
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKRE100ESS680MF05D Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKRE100ESS680MF05D Datasheet HTML 1Page - United Chemi-Con, Inc. EKRE100ESS680MF05D Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
5mm height, 105C
CAT. No. E1001E
?STANDARD RATINGS
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
6.3
10
3B5
0.27
12
EKRE6R3ESS100MB05N
15
3.5B5
0.27
16
EKRE6R3ESS150MC05N
22
4B5
0.27
21
EKRE6R3ESS220MD05D
47
5B5
0.27
36
EKRE6R3ESS470ME05D
100
6.3B5
0.27
56
EKRE6R3ESS101MF05D
10
6.8
3B5
0.23
11
EKRE100ESS6R8MB05N
15
4B5
0.23
20
EKRE100ESS150MD05D
33
5B5
0.23
34
EKRE100ESS330ME05D
68
6.3B5
0.23
52
EKRE100ESS680MF05D
16
4.7
3B5
0.19
9.4
EKRE160ESS4R7MB05N
6.8
3.5B5
0.19
13
EKRE160ESS6R8MC05N
10
3.5B5
0.19
16
EKRE160ESS100MC05N
15
5B5
0.19
25
EKRE160ESS150ME05D
22
5B5
0.19
30
EKRE160ESS220ME05D
47
6.3B5
0.19
48
EKRE160ESS470MF05D
25
3.3
3B5
0.15
8.8
EKRE250ESS3R3MB05N
4.7
3.5B5
0.15
12
EKRE250ESS4R7MC05N
6.8
4B5
0.15
16
EKRE250ESS6R8MD05D
33
6.3B5
0.15
45
EKRE250ESS330MF05D
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
35
2.2
3B5
0.13
7.7
EKRE350ESS2R2MB05N
3.3
3.5B5
0.13
11
EKRE350ESS3R3MC05N
4.7
4B5
0.13
15
EKRE350ESS4R7MD05D
6.8
5B5
0.13
20
EKRE350ESS6R8ME05D
10
5B5
0.13
25
EKRE350ESS100ME05D
15
6.3B5
0.13
33
EKRE350ESS150MF05D
22
6.3B5
0.13
40
EKRE350ESS220MF05D
50
0.10
3B5
0.11
1.3
EKRE500ESSR10MB05N
0.15
3B5
0.11
2.0
EKRE500ESSR15MB05N
0.22
3B5
0.11
2.6
EKRE500ESSR22MB05N
0.33
3B5
0.11
3.2
EKRE500ESSR33MB05N
0.47
3B5
0.11
3.8
EKRE500ESSR47MB05N
0.68
3B5
0.11
4.6
EKRE500ESSR68MB05N
1.0
3B5
0.11
5.6
EKRE500ESS1R0MB05N
1.5
3B5
0.11
6.9
EKRE500ESS1R5MB05N
2.2
3.5B5
0.11
10
EKRE500ESS2R2MC05N
3.3
4B5
0.11
14
EKRE500ESS3R3MD05D
4.7
5B5
0.11
19
EKRE500ESS4R7ME05D
6.8
6.3B5
0.11
24
EKRE500ESS6R8MF05D
10
6.3B5
0.11
29
EKRE500ESS100MF05D
SS : Lead forming / Taping code
Note : The case size of F3.5B5 will be unified to F4B5.
(2/2)


Similar Part No. - EKRE100ESS680MF05D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKRE100E CHEMI-CON-EKRE100E Datasheet
277Kb / 1P
   5mm height, 105?
More results

Similar Description - EKRE100ESS680MF05D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com