Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HACD2J104J Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # HACD2J104J
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

HACD2J104J Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  HACD2J104J Datasheet HTML 1Page - United Chemi-Con, Inc. HACD2J104J Datasheet HTML 2Page - United Chemi-Con, Inc. HACD2J104J Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
@Maximum operating temperature 105C.
@Allowable temperature rise 15K max.
@Downsizing of HACB series.
?SPECIFICATIONS
Category temperature range
Rated voltage range
Capacitance tolerance
Voltage proof
(Terminal - Terminal)
Dissipation factor
(tanE)
Insulation resistance
(Terminal - Terminal)
Endurance
Loading under damp
heat
Items
Characteristics
630
500
1000
1000
1250
1000
1600
1000
2000
1000
3150
1000
2500
1000
4000
1000
-40 to +105C
630 to 4000Vdc
P5%(J)
No degradation, at 150% of rated voltage shall be applied for 60 seconds.
No more than 0.05% : Equal or less than 1MF.
No more than (cB0.015+0.05)% : More than 1MF.
No less than 30000MO : Equal or less than 0.33MF.
No less than 10000OF : More than 0.33MF.
Rated voltage (Vdc)
Measurement voltage (Vdc)
The following specifications shall be satisfied, after 1000hrs with applying rated voltageB125% at 105C.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
The following specifications shall be satisfied, after 500hrs with applying rated voltage at 40C 90K95%RH.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
No serious degradation
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
Not more than initial specification at 1kHz.
Within P5% of initial value.
No serious degradation.
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
Not more than initial specification at 1kHz.
Within P5% of initial value.
?STANDARD RATINGS
630
1000
HACD2J473J
HACD2J563J
HACD2J683J
HACD2J823J
HACD2J104J
HACD2J124J
HACD2J154J
HACD2J184J
HACD2J224J
HACD2J274J
HACD2J334J
HACD2J394J
HACD2J474J
HACD2J564J
HACD2J684J
HACD2J824J
HACD2J105J
HACD2J125J
HACD2J155J
HACD3A333J
HACD3A393J
HACD3A473J
HACD3A563J
HACD3A683J
HACD3A823J
HACD3A104J
HACD3A124J
HACD3A154J
HACD3A184J
HACD3A224J
HACD3A274J
HACD3A334J
HACD3A394J
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
17.7
22.7
27.7
17.7
22.7
9.8
10.4
11.0
11.6
12.3
13.1
14.1
15.1
13.8
14.9
16.1
17.1
18.5
19.9
19.0
20.5
22.3
24.2
26.7
10.0
10.4
11.0
11.5
12.2
13.0
13.9
14.9
13.7
14.7
15.8
17.1
18.6
19.9
9.3
10.0
10.5
11.1
11.7
12.5
13.5
14.4
13.2
14.2
15.3
16.3
17.6
18.9
18.1
19.6
21.3
23.0
25.4
9.6
10.0
10.5
11.0
11.7
12.4
13.3
14.2
13.1
14.0
15.1
16.3
17.7
19.0
12.5
17.5
22.5
12.5
17.5
0.8
1.0
0.8
2.65
2.89
3.19
3.50
3.86
4.23
4.73
5.18
4.31
4.78
5.28
5.74
6.30
6.88
6.19
6.79
7.50
8.22
9.19
2.43
2.64
2.90
3.17
3.49
3.83
4.23
4.64
3.90
4.27
4.72
5.23
5.79
6.29
250
270
FHACD631V473J0LGZ0
FHACD631V563J0LGZ0
FHACD631V683J0LGZ0
FHACD631V823J0LGZ0
FHACD631V104J0LGZ0
FHACD631V124J0LGZ0
FHACD631V154J0LGZ0
FHACD631V184J0LGZ0
FHACD631V224J1LHZ0
FHACD631V274J1LHZ0
FHACD631V334J1LHZ0
FHACD631V394J1LHZ0
FHACD631V474J1LHZ0
FHACD631V564J1LHZ0
FHACD631V684J2LEZ0
FHACD631V824J2LEZ0
FHACD631V105J2LEZ0
FHACD631V125J2LEZ0
FHACD631V155J2LEZ0
FHACD102V333J0LGZ0
FHACD102V393J0LGZ0
FHACD102V473J0LGZ0
FHACD102V563J0LGZ0
FHACD102V683J0LGZ0
FHACD102V823J0LGZ0
FHACD102V104J0LGZ0
FHACD102V124J0LGZ0
FHACD102V154J1LHZ0
FHACD102V184J1LHZ0
FHACD102V224J1LHZ0
FHACD102V274J1LHZ0
FHACD102V334J1LHZ0
FHACD102V394J1LHZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The maximum ripple current : +85C max., 100kHz, sine wave
(2)WV(Vac) : 50Hz or 60Hz, sine wave
(1/3)


Similar Part No. - HACD2J104J

ManufacturerPart #DatasheetDescription
logo
LEM
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAC100-S LEM-HAC100-S Datasheet
27Kb / 2P
   Current Transducers HAC 100 ~800-S
HAC100-S LEM-HAC100-S Datasheet
840Kb / 3P
   Current Transducers
HAC100-S LEM-HAC100-S_08 Datasheet
814Kb / 3P
   Current Transducer
logo
GUANGDONG HOTTECH INDUS...
HAC1623 HOTTECH-HAC1623 Datasheet
322Kb / 4P
   GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HACD2J104J

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com