Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKZG6R3ESS332MJ25S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKZG6R3ESS332MJ25S
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZG6R3ESS332MJ25S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKZG6R3ESS332MJ25S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZG6R3ESS332MJ25S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NIPPON CHEMI-CON CORPORATION
1241
Engineering Bulletin
For your computer MOTHERBOARDS
Aluminum Electrolytic Capacitors
No.705F / Nov.2004
Tentative
1
Sleeve(Brown : PET)
L'
15min
4min
Vent
@Super low ESR/impedance capacitors due to very low resistivity electrolyte
@Rated voltage range : 6.3 to 16V, Nominal capacitance range : 470 to 3,300MF
@Assured lifetime: 2,000 hours at 105C with the rated ripple current applied
@The KZG series capacitors are designed for computer motherboards
@Non solvent-proof
?SPECIFICATIONS
?PART NUMBERING SYSTEM
?DIMENSIONS [mm]
Aluminum Electrolytic Capacitors
Specifications in this bulletin are subject to change without notice.
Feature
!
For PC Motherboards
(F8 to F10)
Gas escape end seal
fD
fd
F
fD'
L'
8
0.6
3.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C
6.3 to 16Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (Vdc)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Rated voltage (Vdc)
Z (-25C) / Z (+20C)
Z (-40C) / Z (+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current for 2,000 hours at 105C.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors.
Capacitance change
[P25% of the initial measured value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 105C
without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not
more than 48 hours before the measurements.
Capacitance change
[P25% of the initial measured value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
6.3V
2
3
10V
0.19
10V
2
3
16V
0.16
16V
2
3
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470MF:471, 2,200MF:222)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100,16V:160)
Series code
Category
E K Z G A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14


Similar Part No. - EKZG6R3ESS332MJ25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKZE100ELL101ME11D ETC2-EKZE100ELL101ME11D Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZE100ELL102MH20D ETC2-EKZE100ELL102MH20D Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZE100ELL102MJ16S ETC2-EKZE100ELL102MJ16S Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZE100ELL121MF07D ETC2-EKZE100ELL121MF07D Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZE100ELL122MJ20S ETC2-EKZE100ELL122MJ20S Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKZG6R3ESS332MJ25S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com