Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLDA2K473H-F2BM Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # DLDA2K473H-F2BM
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

DLDA2K473H-F2BM Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  DLDA2K473H-F2BM Datasheet HTML 1Page - United Chemi-Con, Inc. DLDA2K473H-F2BM Datasheet HTML 2Page - United Chemi-Con, Inc. DLDA2K473H-F2BM Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
?STANDARD RATINGS
1000
(1250Vdc)
1250
(1600Vdc)
DLDA3A562H-F7DM
DLDA3A682H-F7DM
DLDA3A822H-F7DM
DLDA3A103H-F7DM
DLDA3A123H-F7DM
DLDA3A153H-F7DM
DLDA3A183H-F7DM
DLDA3A223H-F7DM
DLDA3A273H-F7DM
DLDA3A333H-F2DM
DLDA3A393H-F2DM
DLDA3A473H-F2DM
DLDA3A563H-F2DM
DLDA3A683H-F2DM
DLDA3B102H-F7DM
DLDA3B122H-F7DM
DLDA3B152H-F7DM
DLDA3B182H-F7DM
DLDA3B222H-F7DM
DLDA3B272H-F7DM
DLDA3B332H-F7DM
DLDA3B392H-F7DM
DLDA3B472H-F2DM
DLDA3B562H-F2DM
DLDA3B682H-F2DM
DLDA3B822H-F2DM
DLDA3B103H-F2DM
DLDA3B123H-F2DM
DLDA3B153H-F2DM
DLDA3B183H-F2DM
DLDA3B223H-F2DM
DLDA3B273H-F2DM
DLDA3B333H-F2DM
DLDA3B393H-F2DM
DLDA3B473H-F2DM
DLDA3B563H-F2DM
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
18.0
22.5
18.0
22.5
26.0
11.0
11.5
13.0
13.5
15.0
16.0
16.5
17.5
19.5
16.5
17.5
19.5
20.5
21.5
12.0
12.5
13.0
12.5
13.0
13.5
14.0
14.5
14.0
14.5
15.5
16.0
16.5
17.0
18.0
19.0
19.0
20.0
21.0
22.0
23.5
25.0
6.0
6.5
7.5
8.0
9.0
9.5
10.5
11.5
12.5
10.5
11.0
12.0
13.0
14.5
6.5
6.5
7.0
7.0
7.5
8.0
8.5
9.0
7.0
7.5
8.0
8.5
9.0
10.0
11.0
12.0
11.5
12.5
14.0
15.0
16.5
17.5
15.0
15.0
0.8
0.8
1.6
1.9
2.2
2.5
2.8
3.1
3.4
3.7
4.0
4.3
4.9
5.5
6.1
6.7
0.35
0.51
0.67
0.84
1.0
1.1
1.3
1.4
1.6
2.1
2.5
3.0
3.5
3.9
4.3
4.7
5.1
5.6
6.0
6.5
7.1
7.7
A
B
A
B
450
560
FDLDA102V562HDFDM0
FDLDA102V682HDFDM0
FDLDA102V822HDFDM0
FDLDA102V103HDFDM0
FDLDA102V123HDFDM0
FDLDA102V153HDFDM0
FDLDA102V183HDFDM0
FDLDA102V223HDFDM0
FDLDA102V273HDFDM0
FDLDA102V333HNLDM0
FDLDA102V393HNLDM0
FDLDA102V473HNLDM0
FDLDA102V563HNLDM0
FDLDA102V683HNLDM0
FDLDA1C2V102HDFDM0
FDLDA1C2V122HDFDM0
FDLDA1C2V152HDFDM0
FDLDA1C2V182HDFDM0
FDLDA1C2V222HDFDM0
FDLDA1C2V272HDFDM0
FDLDA1C2V332HDFDM0
FDLDA1C2V392HDFDM0
FDLDA1C2V472HNLDM0
FDLDA1C2V562HNLDM0
FDLDA1C2V682HNLDM0
FDLDA1C2V822HNLDM0
FDLDA1C2V103HNLDM0
FDLDA1C2V123HNLDM0
FDLDA1C2V153HNLDM0
FDLDA1C2V183HNLDM0
FDLDA1C2V223HELDM0
FDLDA1C2V273HELDM0
FDLDA1C2V333HELDM0
FDLDA1C2V393HELDM0
FDLDA1C2V473HELDM0
FDLDA1C2V563HELDM0
WV
(VH)
Cap
(mF)
TYPE
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
1500
(2000Vdc)
DLDA3L102H-F7DM
DLDA3L122H-F7DM
DLDA3L152H-F7DM
DLDA3L182H-F7DM
DLDA3L222H-F7DM
DLDA3L272H-F7DM
DLDA3L332H-F2DM
DLDA3L392H-F2DM
DLDA3L472H-F2DM
DLDA3L562H-F2DM
DLDA3L682H-F2DM
DLDA3L822H-F2DM
DLDA3L103H-F2DM
DLDA3L123H-F2DM
DLDA3L153H-F2DM
DLDA3L183H-F2DM
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
18.0
22.5
12.0
12.5
13.0
13.5
14.0
14.5
14.0
14.0
15.0
16.0
16.5
17.0
18.0
19.0
20.0
21.5
6.5
6.5
7.0
7.5
8.0
9.0
7.0
7.5
8.0
8.5
9.5
10.0
11.0
11.5
13.0
13.5
15.0
0.8
0.39
0.54
0.69
0.85
1.0
1.1
1.3
1.6
1.9
2.3
2.6
3.3
3.9
4.6
5.2
5.9
A
B
630
FDLDA152V102HDFDM0
FDLDA152V122HDFDM0
FDLDA152V152HDFDM0
FDLDA152V182HDFDM0
FDLDA152V222HDFDM0
FDLDA152V272HDFDM0
FDLDA152V332HNLDM0
FDLDA152V392HNLDM0
FDLDA152V472HNLDM0
FDLDA152V562HNLDM0
FDLDA152V682HNLDM0
FDLDA152V822HNLDM0
FDLDA152V103HNLDM0
FDLDA152V123HNLDM0
FDLDA152V153HNLDM0
FDLDA152V183HNLDM0
Previous Part Number
(Just for your reference)
(1)The maximum ripple current : +85C max., 100kHz, sine wave
(2)WV(Vac) : 50Hz or 60Hz, sine wave
(2/3)


Similar Part No. - DLDA2K473H-F2BM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Crydom Inc.,
DLD CRYDOM-DLD Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
CINCON ELECTRONICS Corp...
DLD CINCON-DLD Datasheet
304Kb / 2P
   57 WATT BUCK LED DRIVER
DLD-C035 CINCON-DLD-C035 Datasheet
304Kb / 2P
   57 WATT BUCK LED DRIVER
More results

Similar Description - DLDA2K473H-F2BM

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com