Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ3344DES Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SQ3344DES
Description  5.0 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SQ3344DES Datasheet(HTML) 4 Page - Pletronics, Inc.

  SQ3344DES Datasheet HTML 1Page - Pletronics, Inc. SQ3344DES Datasheet HTML 2Page - Pletronics, Inc. SQ3344DES Datasheet HTML 3Page - Pletronics, Inc. SQ3344DES Datasheet HTML 4Page - Pletronics, Inc. SQ3344DES Datasheet HTML 5Page - Pletronics, Inc. SQ3344DES Datasheet HTML 6Page - Pletronics, Inc. SQ3344DES Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SQ33D Series 5.0 V
CMOS Clock Oscillators
January 2006
www.pletronics.com
425-776-1880
4
Trise
10% * Vcc
Ground
Vlow
50% * Vcc
90% * Vcc
Vhigh
Tfall
Symmetry
Electrical Specification for 5.00V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
V
OUT High (VOH)
0.5
0.3
-
V
Below V
CC, IOH = +16 mA
V
OUT Low (VOL)-
0.3
0.4
V
I
OL = -16 mA
Output T
RISE and TFALL
-2.0
4.0
nS
C
LOAD = 15 pF,
-3.0
6.0
nS
C
LOAD =30 pF,
V
CC Supply Current
(I
CC)
-
50
90
mA
>100 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
(See load circuit)
-
45
80
mA
<=100 MHz
-
60
100
mA
>100 MHz
C
LOAD = 30 pF
10% to 90% of V
CC
(See load circuit)
-
50
100
mA
<=100 MHz
Specifications with Pad 1 E/D open circuit
Load Circuit and Test Waveform


Similar Part No. - SQ3344DES

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SQ3344DESV PLETRONICS-SQ3344DESV Datasheet
135Kb / 7P
   3.3 V CMOS Clock Oscillators
SQ3344DESW PLETRONICS-SQ3344DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SQ3344DESX PLETRONICS-SQ3344DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
More results

Similar Description - SQ3344DES

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7645DE PLETRONICS-SM7645DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM5545TE PLETRONICS-SM5545TE Datasheet
151Kb / 8P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com