Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMY500ESS3R3MEB5D Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKMY500ESS3R3MEB5D
Description  Aluminum Electrolytic Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMY500ESS3R3MEB5D Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKMY500ESS3R3MEB5D Datasheet HTML 1Page - United Chemi-Con, Inc. EKMY500ESS3R3MEB5D Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Engineering Bulletin
Aluminum Electrolytic Capacitor
No.737C / Nov.2004
Tentative
NIPPON CHEMI-CON CORPORATION
1246
Specifications in this bulletin are subject to change without notice.
2
?STANDARD RATINGS
WV
(Vdc)
Cap
(mF)
Case size
fDBL(mm)
Impedance
(omax/20c,
100kHz)
Rated ripple
current
(mArms/105c,
100kHz)
Part No.
10
100
5B11.5
0.90
150
EKMY100ESS101MEB5D
220
6.3B11.5
0.40
245
EKMY100ESS221MFB5D
330
8B12
0.25
395
EKMY100ESS331MH12D
470
8B12
0.25
395
EKMY100ESS471MH12D
1,000
10B16
0.12
765
EKMY100ESS102MJ16S
2,200 12.5B20
0.062
1,300
EKMY100ESS222MK20S
3,300 12.5B25
0.048
1,650
EKMY100ESS332MK25S
4,700
16B25
0.034
1,850
EKMY100ESS472ML25S
6,800
16B31.5
0.029
2,000
EKMY100ESS682MLN3S
10,000
18B35.5
0.025
2,200
EKMY100ESS103MMP1S
16
47
5B11.5
0.90
150
EKMY160ESS470MEB5D
100
6.3B11.5
0.40
245
EKMY160ESS101MFB5D
220
8B12
0.25
395
EKMY160ESS221MH12D
330
8B12
0.025
395
EKMY160ESS331MH12D
470
10B12.5
0.016
580
EKMY160ESS471MJC5S
1,000
10B20
0.078
1,010
EKMY160ESS102MJ20S
2,200 12.5B25
0.048
1,650
EKMY160ESS222MK25S
3,300
16B25
0.034
1,850
EKMY160ESS332ML25S
4,700
16B31.5
0.029
2,000
EKMY160ESS472MLN3S
6,800
18B35.5
0.025
2,200
EKMY160ESS682MMP1S
25
33
5B11.5
0.90
150
EKMY250ESS330MEB5D
47
5B11.5
0.90
150
EKMY250ESS470MEB5D
100
6.3B11.5
0.40
245
EKMY250ESS101MFB5D
220
8B12
0.25
395
EKMY250ESS221MH12D
330
10B12.5
0.16
580
EKMY250ESS331MJC5S
470
10B16
0.12
765
EKMY250ESS471MJ16S
1,000 12.5B20
0.062
1,300
EKMY250ESS102MK20S
SS : Lead forming / Taping code
WV
(Vdc)
Cap
(mF)
Case size
fDBL(mm)
Impedance
(omax/20c,
100kHz)
Rated ripple
current
(mArms/105c,
100kHz)
Part No.
25
2,200
16B25
0.034
1,850
EKMY250ESS222ML25S
3,300
16B31.5
0.029
2,000
EKMY250ESS332MLN3S
4,700
18B35.5
0.025
2,200
EKMY250ESS472MMP1S
35
33
5B11.5
0.90
150
EKMY350ESS330MEB5D
47
6.3B11.5
0.40
245
EKMY350ESS470MFB5D
100
8B12
0.25
395
EKMY350ESS101MH12D
220
10B12.5
0.16
580
EKMY350ESS221MJC5S
330
10B16
0.12
765
EKMY350ESS331MJ16S
470
10B20
0.078
1,010
EKMY350ESS471MJ20S
1,000
12.5B25
0.048
1,650
EKMY350ESS102MK25S
2,200
16B31.5
0.029
2,000
EKMY350ESS222MLN3S
3,300
18B35.5
0.025
2,200
EKMY350ESS332MMP1S
50
0.47
5B11.5
5.5
17
EKMY500ESSR47MEB5D
1.0
5B11.5
4.0
30
EKMY500ESS1R0MEB5D
2.2
5B11.5
2.5
43
EKMY500ESS2R2MEB5D
3.3
5B11.5
2.2
53
EKMY500ESS3R3MEB5D
4.7
5B11.5
1.9
88
EKMY500ESS4R7MEB5D
10
5B11.5
1.5
100
EKMY500ESS100MEB5D
22
5B11.5
0.90
150
EKMY500ESS220MEB5D
33
6.3B11.5
0.40
245
EKMY500ESS330MFB5D
47
6.3B11.5
0.40
245
EKMY500ESS470MFB5D
100
8B12
0.25
395
EKMY500ESS101MH12D
220
10B16
0.12
765
EKMY500ESS221MJ16S
330
10B20
0.088
1,010
EKMY500ESS331MJ20S
470
12.5B20
0.062
1,300
EKMY500ESS471MK20S
1,000
16B25
0.034
1,850
EKMY500ESS102ML25S
2,200
18B35.5
0.025
2,200
EKMY500ESS222MMP1S


Similar Part No. - EKMY500ESS3R3MEB5D

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-0JF0A018A SICK-EKM36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A020A SICK-EKM36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0B018A SICK-EKM36-0KF0B018A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKMY500ESS3R3MEB5D

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com