Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXZ6R3ESS103ML35S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ELXZ6R3ESS103ML35S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXZ6R3ESS103ML35S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ELXZ6R3ESS103ML35S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXZ6R3ESS103ML35S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXZ6R3ESS103ML35S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, Downsized, 105C
CAT. No. E1001E
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance (mF)
Frequency (Hz)
12 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to 18,000
@Frequency Multipliers
SS : Lead forming / Taping code
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
50
120
8 B 15
0.16
0.32
635
ELXZ500ESS121MH15D
120
10 B 12.5 0.16
0.32
620
ELXZ500ESS121MJC5S
180
8 B 20
0.12
0.24
730
ELXZ500ESS181MH20D
180
10 B 16
0.13
0.26
850
ELXZ500ESS181MJ16S
220
10 B 20
0.088
0.18
1050
ELXZ500ESS221MJ20S
330
10 B 25
0.073
0.15
1250
ELXZ500ESS331MJ25S
390
10 B 30
0.054
0.11
1500
ELXZ500ESS391MJ30S
390
12.5 B 20
0.059
0.12
1480
ELXZ500ESS391MK20S
560
12.5 B 25
0.044
0.088
1840
ELXZ500ESS561MK25S
680
12.5 B 30
0.039
0.078
2220
ELXZ500ESS681MK30S
680
16 B 20
0.048
0.096
1840
ELXZ500ESS681ML20S
820
12.5 B 35
0.033
0.066
2290
ELXZ500ESS821MK35S
820
18 B 20
0.042
0.084
1980
ELXZ500ESS821MM20S
1000
12.5 B 40
0.029
0.058
2500
ELXZ500ESS102MK40S
1000
16 B 25
0.034
0.068
2240
ELXZ500ESS102ML25S
1200
16 B 30
0.028
0.056
2700
ELXZ500ESS122ML30S
1200
18 B 25
0.029
0.058
2610
ELXZ500ESS122MM25S
1500
16 B 35
0.025
0.050
2800
ELXZ500ESS152ML35S
1800
16 B 40
0.021
0.042
3200
ELXZ500ESS182ML40S
1800
18 B 30
0.025
0.050
3000
ELXZ500ESS182MM30S
2200
18 B 35
0.023
0.046
3100
ELXZ500ESS222MM35S
2700
18 B 40
0.020
0.040
3400
ELXZ500ESS272MM40S
63
12
5 B 11.5 1.9
4.0
145
ELXZ630ESS120MEB5D
22
6.3 B 11.5 1.0
2.0
240
ELXZ630ESS220MFB5D
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
63
39
6.3 B 15
0.61
1.4
330
ELXZ630ESS390MF15D
68
8 B 12
0.34
0.75
405
ELXZ630ESS680MH12D
100
8 B 15
0.27
0.65
535
ELXZ630ESS101MH15D
100
10 B 12.5 0.255
0.51
540
ELXZ630ESS101MJC5S
120
10 B 16
0.19
0.38
600
ELXZ630ESS121MJ16S
150
8 B 20
0.21
0.52
690
ELXZ630ESS151MH20D
180
10 B 20
0.145
0.29
890
ELXZ630ESS181MJ20S
220
10 B 25
0.13
0.26
1050
ELXZ630ESS221MJ25S
330
10 B 30
0.090
0.18
1300
ELXZ630ESS331MJ30S
330
12.5 B 20
0.085
0.17
1290
ELXZ630ESS331MK20S
390
12.5 B 25
0.070
0.14
1720
ELXZ630ESS391MK25S
470
12.5 B 30
0.055
0.11
2090
ELXZ630ESS471MK30S
470
16 B 20
0.059
0.12
1770
ELXZ630ESS471ML20S
680
12.5 B 35
0.047
0.094
2270
ELXZ630ESS681MK35S
680
16 B 25
0.050
0.10
2160
ELXZ630ESS681ML25S
680
18 B 20
0.055
0.11
2290
ELXZ630ESS681MM20S
820
12.5 B 40
0.042
0.084
2560
ELXZ630ESS821MK40S
820
16 B 30
0.043
0.086
2670
ELXZ630ESS821ML30S
820
18 B 25
0.043
0.086
2590
ELXZ630ESS821MM25S
1000
16 B 35
0.036
0.072
2770
ELXZ630ESS102ML35S
1200
16 B 40
0.030
0.060
2850
ELXZ630ESS122ML40S
1200
18 B 30
0.032
0.064
2950
ELXZ630ESS122MM30S
1500
18 B 35
0.030
0.060
3100
ELXZ630ESS152MM35S
1800
18 B 40
0.025
0.050
3210
ELXZ630ESS182MM40S
(3/3)


Similar Part No. - ELXZ6R3ESS103ML35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ6R3ESS103ML35S CHEMI-CON-ELXZ6R3ESS103ML35S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ6R3ESS103ML35S CHEMI-CON-ELXZ6R3ESS103ML35S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
logo
List of Unclassifed Man...
ELXZ6R3ESS103ML35S ETC2-ELXZ6R3ESS103ML35S Datasheet
68Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXZ6R3ESS103ML35S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com