Selected language     English  ▼


KTD500B155M32A0T00 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part No. KTD500B155M32A0T00
Description  Thru-Hole Type Multilayer Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

   
 1 page
background image
Engineering Bulletin
No. EBC041001 / July 2005, MKudo
Specifications are subject to change without notice.
NIPPON CHEMI-CON CORP./UNITED CHEMI-CON, INC.
X7R, Thru-Hole Type Multilayer Ceramic Capacitors
NTD Series
SPECIFICATIONS
Operating temperature range: -55 to +125
°C
Rated voltage range: 25Vdc, 50Vdc and 100Vdc
Rated capacitance range: 25Vdc; 3.3 to 22
µF
50Vdc; 1.0 to 10
µF
100Vdc; 0.33 to 4.7
µF
Capacitance tolerance: M (±20%)
Temperature characteristics: X7R (EIA)
RATINGS and SIZES
Dimensions (mm)
New Part No.
Voltage
(Vdc)
Cap.
(
µF)
L max. W max. T max. F±0.8
Ref. old part No.
KTD250B335M32A0T00
3.3
NTD21X7R1E335M
KTD250B475M32A0T00
4.7
5.0
6.0
3.5
5.0
NTD21X7R1E475M
KTD250B685M43A0T00
6.8
NTD30X7R1E685M
KTD250B106M43A0T00
10
6.5
6.5
4.0
5.0
NTD30X7R1E106M
KTD250B156M55A0T00
15
NTD31X7R1E156M
KTD250B226M55A0T00
25
22
7.5
9.0
4.5
5.0
NTD31X7R1E226M
KTD500B105M32A0T00
1.0
NTD21X7R1H105M
KTD500B155M32A0T00
1.5
NTD21X7R1H155M
KTD500B225M32A0T00
2.2
5.0
6.0
3.5
5.0
NTD21X7R1H225M
KTD500B335M43A0T00
3.3
NTD30X7R1H335M
KTD500B475M43A0T00
4.7
6.5
6.5
4.0
5.0
NTD30X7R1H475M
KTD500B685M55A0T00
6.8
NTD31X7R1H685M
KTD500B106M55A0T00
50
10
7.5
9.0
4.5
5.0
NTD31X7R1H106M
KTD101B334M32A0T00
0.33
NTD21X7R2A334M
KTD101B474M32A0T00
0.47
NTD21X7R2A474M
KTD101B684M32A0T00
0.68
NTD21X7R2A684M
KTD101B105M32A0T00
1.0
5.0
6.0
3.5
5.0
NTD21X7R2A105M
KTD101B155M43A0T00
1.5
NTD30X7R2A155M
KTD101B225M43A0T00
2.2
6.5
6.5
4.0
5.0
NTD30X7R2A225M
KTD101B335M55A0T00
3.3
NTD31X7R2A335M
KTD101B475M55A0T00
100
4.7
7.5
9.0
4.5
5.0
NTD31X7R2A475M
FEATURES
Large capacitance by small size
Excellent noise absorption
High permissible ripple current capability
Lead-free dielectric and terminations
Resin (UL94 V-0) used for coating
Rated Ripple Current
Size code:
32
43
55
Ripple current:
0.3Arms 0.8Arms
1.0Arms
APPLICATIONS
Smoothing circuits of DC-DC converters
On-board power supplies
Voltage regulators for computers
Noise suppressors for various kinds of equipments
High reliability equipment
NEW PART NUMBERING SYSTEM
K TD
101
B 225
M
43
A0
T 00
(1) (2)
(3)
(4)
(5)
(6)
(7)
(8)
(9) (10)
(6) Capacitance tolerance: M=±20%
(7) Size code: 43=L(6.5)×W(6.5)
(8) Terminal code: A0= Straight Leads
(9) Taping code: T= Taping, B= Bulk
(10) Supplement code: 00= Standards
(1) Category: K=Multilayer Ceramic Capacitors
(2) Series code: TD=NTD Series
(3) Rated voltage code: 101=100Vdc
(4) Temperature characteristics code: B=X7R
(5) Rated capacitance code: 225=2.2µF




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DSCC05006Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006 1 2 3 4 5 Vishay Siliconix
ECJUMultilayer Ceramic Capacitors 2 Array Type 1 2 3 Panasonic Semiconductor
CDR-MIL-PRF-55681Surface Mount Multilayer Ceramic Chip Capacitors Qualified Type CDR 1 2 3 4 5 MoreVishay Siliconix
DSCC03028Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028 1 2 3 4 5 Vishay Siliconix
DSCC03029Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029 1 2 3 4 5 Vishay Siliconix
C0402C508Multilayer Ceramic Chip Capacitors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VJ0805Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications 1 2 3 4 5 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl