Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMVK500ADAR33MD60G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # BMVK500ADAR33MD60G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

BMVK500ADAR33MD60G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  BMVK500ADAR33MD60G Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Bi-polarized, 105C
CAT. No. E1001E
@Bi-polarized chip type for the circuit, of which polarity is frequently reversed
@Solvent-proof type (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C
6.3 to 50Vdc
P20% (M)
I=0.05CV or 10MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 1000 hours
at 105C, however the polarization shall be reversed every 250 hours.
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C
without voltage applied.
Capacitance change
[P25% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.35
6.3V
4
10
10V
0.26
10V
3
8
16V
0.24
16V
2
6
25V
0.20
25V
2
4
35V
0.18
35V
2
3
50V
0.18
50V
2
3
?PART NUMBERING SYSTEM
?STANDARD RATINGS
?DIMENSIONS [mm]
Size code
D60
E60
F60
D
4
5
6.3
L
5.7
5.7
5.7
A
4.3
5.3
6.6
B
4.3
5.3
6.6
C
5.1
5.9
7.2
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
P
1.0
1.4
1.9
LP0.3
0.3max.
CP0.2
BP0.2
P
bi-polarized
MVK-BP
MVK
?MARKING
94K
4.7
35V
EX) 35V4.7MF
WV
(Vdc)
Cap
(mF)
Size code
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
6.3
10
D60
0.35
14
BMVK6R3ADA100MD60G
22
E60
0.35
25
BMVK6R3ADA220ME60G
47
F60
0.35
39
BMVK6R3ADA470MF60G
10
6.8
D60
0.26
13
BMVK100ADA6R8MD60G
15
E60
0.26
22
BMVK100ADA150ME60G
33
F60
0.26
35
BMVK100ADA330MF60G
16
4.7
D60
0.24
12
BMVK160ADA4R7MD60G
10
E60
0.24
20
BMVK160ADA100ME60G
22
F60
0.24
32
BMVK160ADA220MF60G
25
3.3
D60
0.20
10
BMVK250ADA3R3MD60G
6.8
E60
0.20
17
BMVK250ADA6R8ME60G
15
F60
0.20
28
BMVK250ADA150MF60G
35
2.2
D60
0.18
8.8
BMVK350ADA2R2MD60G
4.7
E60
0.18
15
BMVK350ADA4R7ME60G
10
F60
0.18
23
BMVK350ADA100MF60G
WV
(Vdc)
Cap
(mF)
Size code
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
50
0.10
D60
0.18
1.3
BMVK500ADAR10MD60G
0.15
D60
0.18
1.9
BMVK500ADAR15MD60G
0.22
D60
0.18
2.3
BMVK500ADAR22MD60G
0.33
D60
0.18
2.8
BMVK500ADAR33MD60G
0.47
D60
0.18
3.4
BMVK500ADAR47MD60G
0.68
D60
0.18
4.1
BMVK500ADAR68MD60G
1.0
D60
0.18
5.5
BMVK500ADA1R0MD60G
1.5
D60
0.18
7.5
BMVK500ADA1R5MD60G
2.2
E60
0.18
10
BMVK500ADA2R2ME60G
3.3
E60
0.18
13
BMVK500ADA3R3ME60G
4.7
F60
0.18
16
BMVK500ADA4R7MF60G
6.8
F60
0.18
20
BMVK500ADA6R8MF60G
@Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,10MF:100)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
B M V K A A A A D A A A A
A A A G
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (surface mount type)"
(1/1)


Similar Part No. - BMVK500ADAR33MD60G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
BMV-100ADA CHEMI-CON-BMV-100ADA Datasheet
311Kb / 1P
   Bi-polar, 85?
BMV-100ADA150ME55G CHEMI-CON-BMV-100ADA150ME55G Datasheet
36Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
BMV-100ADA330MF55G CHEMI-CON-BMV-100ADA330MF55G Datasheet
36Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
BMV-100ADA6R8MD55G CHEMI-CON-BMV-100ADA6R8MD55G Datasheet
36Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
BMV-160ADA100ME55G CHEMI-CON-BMV-160ADA100ME55G Datasheet
36Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - BMVK500ADAR33MD60G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com