Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMX401ESS470ML25S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMX401ESS470ML25S
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMX401ESS470ML25S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMX401ESS470ML25S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMX401ESS470ML25S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sleeve (PET)
L'
15min.
4min.
Vent
@Slender case sizes are lined up for laying down small places on PC board
@For electronic ballast circuits and other long life required applications
@Endurance with ripple current : 105C 8000 to 10000 hours
@Non solvent-proof type
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanE)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C (160 to 400Vdc) -25 to+105C (450Vdc)
160 to 450Vdc
P20% (M)
After 1 minute
After 5 minutes
CV[1000
I=0.1CV+40
I=0.03CV+15
CV
>1000
I=0.04CV+100
I=0.02CV+25
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 10000 hours (8000 hours for F10) at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[500% of the initial specified value
Characteristics
160 to 250V
3
6
350 & 400V
5
6
450V
6
-
160 to 250V
0.20
350 & 400V
0.24
450V
0.24
time
CV
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
10
0.6
5.0
fD
fd
F
fD'
L'
12.5
0.6
5.0
16
0.8
7.5
FD+0.5max.
L+1.5max.
18
0.8
7.5
(F10)
(F12.5 to F18)
Gas escaped end seal
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 3.3MF:3R3,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 160V:161,250V:251,450V:451)
Series code
Category
E K M X A A A E A A A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
NIPPON CHEMI-CON CORPORATION
1219
1
Specifications in this bulletin are subject to change without notice.
Engineering Bulletin
Aluminum Electrolytic Capacitors
No.646G / Oct.2004


Similar Part No. - EKMX401ESS470ML25S

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-0JF0A018A SICK-EKM36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A020A SICK-EKM36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0B018A SICK-EKM36-0KF0B018A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKMX401ESS470ML25S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com