Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMG500ESS101MHB5D Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKMG500ESS101MHB5D
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMG500ESS101MHB5D Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKMG500ESS101MHB5D Datasheet HTML 1Page - United Chemi-Con, Inc. EKMG500ESS101MHB5D Datasheet HTML 2Page - United Chemi-Con, Inc. EKMG500ESS101MHB5D Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Standard, Downsized, 105C
CAT. No. E1001E
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (mF)
Frequency (Hz)
0.1 to 4.7
10 to 47
100 to 1,000
2,200 to
@Frequency Multipliers
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
250
10
10B16
0.20
74
EKMG251ESS100MJ16S
22
12.5B20
0.20
130
EKMG251ESS220MK20S
33
12.5B20
0.20
160
EKMG251ESS330MK20S
47
12.5B25
0.20
210
EKMG251ESS470MK25S
100
16B31.5
0.20
365
EKMG251ESS101MLN3S
220
18B40
0.20
585
EKMG251ESS221MM40S
350
0.47
6.3B11
0.24
11
EKMG351ESSR47MF11D
1.0
6.3B11
0.24
15
EKMG351ESS1R0MF11D
2.2
8B11.5
0.24
26
EKMG351ESS2R2MHB5D
3.3
10B12.5
0.24
38
EKMG351ESS3R3MJC5S
4.7
10B16
0.24
50
EKMG351ESS4R7MJ16S
10
10B20
0.24
80
EKMG351ESS100MJ20S
22
12.5B20
0.24
130
EKMG351ESS220MK20S
33
16B25
0.24
195
EKMG351ESS330ML25S
47
16B25
0.24
230
EKMG351ESS470ML25S
100
18B31.5
0.24
375
EKMG351ESS101MMN3S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
400
1.0
6.3B11
0.24
15
EKMG401ESS1R0MF11D
2.2
8B11.5
0.24
26
EKMG401ESS2R2MHB5D
3.3
10B12.5
0.24
38
EKMG401ESS3R3MJC5S
4.7
10B16
0.24
50
EKMG401ESS4R7MJ16S
10
10B20
0.24
80
EKMG401ESS100MJ20S
22
12.5B25
0.24
145
EKMG401ESS220MK25S
33
16B25
0.24
195
EKMG401ESS330ML25S
47
16B31.5
0.24
250
EKMG401ESS470MLN3S
100
16B40
0.24
350
EKMG401ESS101ML40S
450
0.47
10B12.5
0.24
9.0
EKMG451ESSR47MJC5S
1.0
10B12.5
0.24
13
EKMG451ESS1R0MJC5S
2.2
10B12.5
0.24
23
EKMG451ESS2R2MJC5S
3.3
10B16
0.24
31
EKMG451ESS3R3MJ16S
4.7
10B20
0.24
40
EKMG451ESS4R7MJ20S
10
12.5B20
0.24
65
EKMG451ESS100MK20S
22
16B25
0.24
115
EKMG451ESS220ML25S
33
16B31.5
0.24
155
EKMG451ESS330MLN3S
47
16B35.5
0.24
185
EKMG451ESS470MLP1S
SS : Lead forming / Taping code
is non solvent-proof.
(3/3)


Similar Part No. - EKMG500ESS101MHB5D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMG500E CHEMI-CON-EKMG500E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
logo
Nichicon corporation
EKMG500E100ME11D NICHICON-EKMG500E100ME11D Datasheet
419Kb / 3P
   Endurance with ripple current 1,000 to 2,000 hours at 105
logo
United Chemi-Con, Inc.
EKMG500E100ME11D CHEMI-CON-EKMG500E100ME11D Datasheet
105Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG500E100ME11D CHEMI-CON-EKMG500E100ME11D Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG500E100ME11D CHEMI-CON-EKMG500E100ME11D Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG500ESS101MHB5D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com