Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMVH350GTR331MLH0S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVH350GTR331MLH0S
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVH350GTR331MLH0S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVH350GTR331MLH0S Datasheet HTML 1Page - United Chemi-Con, Inc. EMVH350GTR331MLH0S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
High heat resistance, 125C
CAT. No. E1001E
@Endurance : 125C 1000 to 5000 hours
@Suitable to fit for automotive equipment
@Solvent-proof type (10 to 50V) (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +125C
10 to 450Vdc
P20% (M)
10 to 100Vdc
I=0.03CV or 4MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for the specified
time at 125C.
F60 to H63 (10 to 100Vdc)
: 1000hours
Time
HA0 to JA0 (10 to 100Vdc)
: 2000hours
KE0 to MN0 (10 to 100Vdc)
: 5000hours
KE0 to MN0 (160 to 450Vdc) : 2000hours
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours (500 hours
for 350 to 450WV) at 125C without voltage applied.
Rated voltage(Vdc)
10 to 50Vdc
63 to 450Vdc
Capacitance change
[P30% of the initial value
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
[300% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
Characteristics
10V
0.24
0.22
10V
4
10
4
8
16V
0.20
0.18
16V
3
8
3
6
25V
0.16
0.16
25V
2
6
2
4
35V
0.14
0.14
35V
2
4
2
3
50V
0.14
0.12
50V
2
4
2
3
63V
0.18
0.14
63V
2
4
2
3
100V
0.18
0.10
100V
2
4
2
3
160 to 250V
-
0.20
160 to 250V
-
-
3
6
400 & 450V
-
0.24
400 & 450V
-
-
6
10
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
F60 to JA0
KE0 to MN0
F60 to JA0
KE0 to MN0
160 to 450Vdc
I=0.04CV+100max
125C
size extended
MVH
MVK
?DIMENSIONS [mm]
LP0.5 (Note)
0.3max.
AP0.2
W
Note : LP0.3 for F60 and F80
LP0.5
0.3max.
AP0.2
W
: Dummy terminals
?MARKING
74H
47
35V
EX) 35V47MF
MVH
0V
1000
16V
EX) 16V1000MF
KE0 to MN0
F60 to JA0
Size code
F60
F80
H63
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
6.3
6.3
8
8
10
12.5
12.5
16
16
18
18
L
5.7
7.7
6.3
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
6.6
6.6
8.3
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
6.6
6.6
8.3
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
7.2
7.2
9.0
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.9
1.9
2.3
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
@Terminal Code : A
@Size code : F60 to KG5
@Terminal Code : G
@Size code : LH0 to MN0
(1/2)


Similar Part No. - EMVH350GTR331MLH0S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMVH350ADA100MF60G ETC1-EMVH350ADA100MF60G Datasheet
79Kb / 2P
   EMVH500ADA330MF80G
logo
United Chemi-Con, Inc.
EMVH350ADA100MF60G CHEMI-CON-EMVH350ADA100MF60G Datasheet
66Kb / 2P
   High heat resistance, 125C
logo
Nichicon corporation
EMVH350ADA100MF60G NICHICON-EMVH350ADA100MF60G Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EMVH350ADA101MHA0G ETC1-EMVH350ADA101MHA0G Datasheet
79Kb / 2P
   EMVH500ADA330MF80G
logo
United Chemi-Con, Inc.
EMVH350ADA101MHA0G CHEMI-CON-EMVH350ADA101MHA0G Datasheet
66Kb / 2P
   High heat resistance, 125C
More results

Similar Description - EMVH350GTR331MLH0S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com