Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMM201VSN121MN20S Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # EKMM201VSN121MN20S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMM201VSN121MN20S Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  EKMM201VSN121MN20S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMM201VSN121MN20S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMM201VSN121MN20S Datasheet HTML 3Page - United Chemi-Con, Inc. EKMM201VSN121MN20S Datasheet HTML 4Page - United Chemi-Con, Inc. EKMM201VSN121MN20S Datasheet HTML 5Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized snap-ins, 105C
CAT. No. E1001E
?STANDARD RATINGS
Frequency (Hz)
160 to 250Vdc
315 to 450Vdc
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(Arms/
105c,120Hz)
Part No.
420
270
30 B 40
0.20
1.22
EKMM421VSN271MR40S
270
35 B 30
0.20
1.22
EKMM421VSN271MA30S
330
25.4 B 60
0.20
1.41
EKMM421VSN331MQ60S
330
30 B 45
0.20
1.45
EKMM421VSN331MR45S
330
35 B 35
0.20
1.45
EKMM421VSN331MA35S
390
30 B 50
0.20
1.55
EKMM421VSN391MR50S
390
35 B 40
0.20
1.55
EKMM421VSN391MA40S
470
30 B 60
0.20
1.79
EKMM421VSN471MR60S
470
35 B 45
0.20
1.90
EKMM421VSN471MA45S
560
35 B 50
0.20
2.15
EKMM421VSN561MA50S
680
35 B 60
0.20
2.27
EKMM421VSN681MA60S
450
39
20 B 25
0.20
0.34
EKMM451VSN390MN25S
47
20 B 25
0.20
0.39
EKMM451VSN470MN25S
56
20 B 30
0.20
0.51
EKMM451VSN560MN30S
56
22 B 25
0.20
0.40
EKMM451VSN560MP25S
68
20 B 35
0.20
0.56
EKMM451VSN680MN35S
68
22 B 30
0.20
0.53
EKMM451VSN680MP30S
68
25.4 B 25
0.20
0.50
EKMM451VSN680MQ25S
82
20 B 35
0.20
0.64
EKMM451VSN820MN35S
82
22 B 30
0.20
0.64
EKMM451VSN820MP30S
82
25.4 B 25
0.20
0.64
EKMM451VSN820MQ25S
100
20 B 45
0.20
0.69
EKMM451VSN101MN45S
100
22 B 35
0.20
0.69
EKMM451VSN101MP35S
100
25.4 B 30
0.20
0.69
EKMM451VSN101MQ30S
100
30 B 25
0.20
0.64
EKMM451VSN101MR25S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(Arms/
105c,120Hz)
Part No.
450
120
20 B 50
0.20
0.75
EKMM451VSN121MN50S
120
22 B 40
0.20
0.80
EKMM451VSN121MP40S
120
25.4 B 30
0.20
0.80
EKMM451VSN121MQ30S
120
30 B 25
0.20
0.80
EKMM451VSN121MR25S
120
35 B 25
0.20
0.73
EKMM451VSN121MA25S
150
22 B 45
0.20
0.88
EKMM451VSN151MP45S
150
25.4 B 35
0.20
0.88
EKMM451VSN151MQ35S
150
30 B 30
0.20
0.88
EKMM451VSN151MR30S
150
35 B 25
0.20
0.75
EKMM451VSN151MA25S
180
22 B 50
0.20
1.00
EKMM451VSN181MP50S
180
25.4 B 40
0.20
1.00
EKMM451VSN181MQ40S
180
30 B 30
0.20
1.00
EKMM451VSN181MR30S
220
25.4 B 45
0.20
1.12
EKMM451VSN221MQ45S
220
30 B 35
0.20
1.12
EKMM451VSN221MR35S
220
35 B 30
0.20
1.12
EKMM451VSN221MA30S
270
25.4 B 60
0.20
1.18
EKMM451VSN271MQ60S
270
30 B 40
0.20
1.28
EKMM451VSN271MR40S
270
35 B 35
0.20
1.28
EKMM451VSN271MA35S
330
30 B 50
0.20
1.45
EKMM451VSN331MR50S
330
35 B 40
0.20
1.45
EKMM451VSN331MA40S
390
30 B 60
0.20
1.51
EKMM451VSN391MR60S
390
35 B 40
0.20
1.55
EKMM451VSN391MA40S
470
35 B 50
0.20
1.85
EKMM451VSN471MA50S
560
35 B 60
0.20
1.91
EKMM451VSN561MA60S
(5/5)


Similar Part No. - EKMM201VSN121MN20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM201VSN121MN20T CHEMI-CON-EKMM201VSN121MN20T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
List of Unclassifed Man...
EKMM201VSN121MN20T ETC2-EKMM201VSN121MN20T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
More results

Similar Description - EKMM201VSN121MN20S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com