Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMVH500ADA100MF60G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EMVH500ADA100MF60G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVH500ADA100MF60G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EMVH500ADA100MF60G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVH500ADA100MF60G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
High heat resistance, 125C
CAT. No. E1001E
?PART NUMBERING SYSTEM
?STANDARD RATINGS
SS : Taping / Tray code
is non solvent-proof (63 to 450Vdc).
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,10MF:100)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 10V:100,50V:500,100V:101)
Series code
Category
E M V H A A A A A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (surface mount type)"
WV
(Vdc)
Cap
(mF)
Size
code
ESR
(omax/
100kHz)
Rated ripple
current
(mArms/125c)
Part No.
20c -40c 100kHz 120Hz
10
100
F80
2.3
46.0
72
-
EMVH100ADA101MF80G
100
H63
2.3
46.0
72
-
EMVH100ADA101MH63G
220
HA0
1.0
20.0
136
-
EMVH100ADA221MHA0G
330
JA0
0.70
13.4
188
-
EMVH100ADA331MJA0G
1000
KE0
0.14
2.1
750
-
EMVH100ASS102MKE0S
2200
LH0
0.10
1.5
1000
-
EMVH100GTR222MLH0S
2200
MH0
0.10
1.5
1200
-
EMVH100GTR222MMH0S
3300
MH0
0.10
1.5
1200
-
EMVH100GTR332MMH0S
4700
MN0
0.058 0.87
1550
-
EMVH100GTR472MMN0S
16
47
F60
3.3
66.0
43
-
EMVH160ADA470MF60G
470
KE0
0.14
2.1
750
-
EMVH160ASS471MKE0S
680
KE0
0.14
2.1
750
-
EMVH160ASS681MKE0S
680
LH0
0.10
1.5
1000
-
EMVH160GTR681MLH0S
1000
MH0
0.10
1.5
1200
-
EMVH160GTR102MMH0S
2200
MH0
0.10
1.5
1200
-
EMVH160GTR222MMH0S
25
33
F60
3.3
66.0
45
-
EMVH250ADA330MF60G
47
F80
2.3
46.0
68
-
EMVH250ADA470MF80G
47
H63
2.3
46.0
68
-
EMVH250ADA470MH63G
100
HA0
1.0
20.0
126
-
EMVH250ADA101MHA0G
220
JA0
0.70
13.4
211
-
EMVH250ADA221MJA0G
330
KE0
0.14
2.1
750
-
EMVH250ASS331MKE0S
470
KE0
0.14
2.1
750
-
EMVH250ASS471MKE0S
470
LH0
0.10
1.5
1000
-
EMVH250GTR471MLH0S
680
LH0
0.10
1.5
1000
-
EMVH250GTR681MLH0S
680
MH0
0.10
1.5
1200
-
EMVH250GTR681MMH0S
1000
MN0
0.058
0.87
1550
-
EMVH250GTR102MMN0S
35
10
F60
3.3
66.0
27
-
EMVH350ADA100MF60G
22
F60
3.3
66.0
39
-
EMVH350ADA220MF60G
33
F80
2.3
46.0
62
-
EMVH350ADA330MF80G
33
H63
2.3
46.0
62
-
EMVH350ADA330MH63G
47
HA0
1.0
20.0
92
-
EMVH350ADA470MHA0G
100
JA0
0.70
13.4
151
-
EMVH350ADA101MJA0G
330
KE0
0.14
2.1
750
-
EMVH350ASS331MKE0S
330
LH0
0.10
1.5
1000
-
EMVH350GTR331MLH0S
470
KG5
0.11
1.5
900
-
EMVH350ASS471MKG5S
470
LH0
0.10
1.5
1000
-
EMVH350GTR471MLH0S
680
MH0
0.10
1.5
1200
-
EMVH350GTR681MMH0S
50
10
F60
3.3
66.0
38
-
EMVH500ADA100MF60G
22
F80
2.3
46.0
50
-
EMVH500ADA220MF80G
22
H63
2.3
46.0
50
-
EMVH500ADA220MH63G
33
HA0
1.0
20.0
83
-
EMVH500ADA330MHA0G
WV
(Vdc)
Cap
(mF)
Size
code
ESR
(omax/
100kHz)
Rated ripple
current
(mArms/125c)
Part No.
20c -40c 100kHz 120Hz
50
47
JA0
0.70
13.4
111
-
EMVH500ADA470MJA0G
100
KE0
0.23
3.5
550
-
EMVH500ASS101MKE0S
220
KE0
0.23
3.5
550
-
EMVH500ASS221MKE0S
220
LH0
0.15
2.3
850
-
EMVH500GTR221MLH0S
330
KG5
0.18
2.7
700
-
EMVH500ASS331MKG5S
330
LH0
0.15
2.3
850
-
EMVH500GTR331MLH0S
470
MH0
0.15
2.3
920
-
EMVH500GTR471MMH0S
63
10
F80
2.3
115
42
-
EMVH630ADA100MF80G
10
H63
2.3
115
42
-
EMVH630ADA100MH63G
22
HA0
1.0
50.0
56
-
EMVH630ADA220MHA0G
33
JA0
0.70
35.0
71
-
EMVH630ADA330MJA0G
100
KE0
0.25
12.5
500
-
EMVH630ASS101MKE0S
220
KG5
0.20
10.0
600
-
EMVH630ASS221MKG5S
330
LH0
0.18
9.0
820
-
EMVH630GTR331MLH0S
470
LN0
0.11
5.5
1100
-
EMVH630GTR471MLN0S
100
10
HA0
1.0
50.0
53
-
EMVH101ADA100MHA0G
22
JA0
0.70
35.0
63
-
EMVH101ADA220MJA0G
47
KE0
0.33
16.5
450
-
EMVH101ASS470MKE0S
68
KG5
0.26
13.0
550
-
EMVH101ASS680MKG5S
100
LH0
0.24
12.0
650
-
EMVH101GTR101MLH0S
220
MN0
0.16
8.0
950
-
EMVH101GTR221MMN0S
160
10
KE0
--
-
100
EMVH161ASS100MKE0S
22
LH0
--
-
180
EMVH161GTR220MLH0S
33
MH0
--
-
245
EMVH161GTR330MMH0S
68
MN0
--
-
380
EMVH161GTR680MMN0S
200
10
KE0
--
-
100
EMVH201ASS100MKE0S
22
LH0
--
-
180
EMVH201GTR220MLH0S
33
LN0
--
-
250
EMVH201GTR330MLN0S
33
MH0
--
-
245
EMVH201GTR330MMH0S
47
MN0
--
-
315
EMVH201GTR470MMN0S
250
10
KG5
--
-
110
EMVH251ASS100MKG5S
22
LN0
--
-
200
EMVH251GTR220MLN0S
22
MH0
--
-
205
EMVH251GTR220MMH0S
33
MN0
--
-
260
EMVH251GTR330MMN0S
400
4.7
KE0
--
-
70
EMVH401ASS4R7MKE0S
6.8
LH0
--
-
100
EMVH401GTR6R8MLH0S
10
LN0
--
-
140
EMVH401GTR100MLN0S
10
MH0
--
-
135
EMVH401GTR100MMH0S
450
3.3
KG5
--
-
65
EMVH451ASS3R3MKG5S
4.7
LH0
--
-
85
EMVH451GTR4R7MLH0S
10
MN0
--
-
145
EMVH451GTR100MMN0S
(2/2)


Similar Part No. - EMVH500ADA100MF60G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMVH500ADA100MF60G ETC1-EMVH500ADA100MF60G Datasheet
79Kb / 2P
   EMVH500ADA330MF80G
logo
United Chemi-Con, Inc.
EMVH500ADA100MF60G CHEMI-CON-EMVH500ADA100MF60G Datasheet
66Kb / 2P
   High heat resistance, 125C
More results

Similar Description - EMVH500ADA100MF60G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com