Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMM201VSN122MR45T Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # EKMM201VSN122MR45T
Description  Standard Voltage Ratings - Snap Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMM201VSN122MR45T Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

Back Button EKMM201VSN122MR45T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 11Page - United Chemi-Con, Inc. EKMM201VSN122MR45T Datasheet HTML 12Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
220 Volts
275 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/12
KMM Series
100
EKMM251VSN101MN20T
20
20
N20
2.486
0.51
120
EKMM251VSN121MN25T
20
25
N25
2.072
0.58
150
EKMM251VSN151MN25T
20
25
N25
1.658
0.79
180
EKMM251VSN181MN30T
20
30
N30
1.381
0.9
220
EKMM251VSN221MN30T
20
30
N30
1.13
1.0
270
EKMM251VSN271MN35T
20
35
N35
0.921
1.1
330
EKMM251VSN331MN40T
20
40
N40
0.753
1.2
390
EKMM251VSN391MN50T
20
50
N50
0.638
1.45
120
EKMM251VSN121MP20T
22
20
P20
2.072
0.6
180
EKMM251VSN181MP25T
22
25
P25
1.381
0.78
220
EKMM251VSN221MP30T
22
30
P30
1.13
1.0
270
EKMM251VSN271MP30T
22
30
P30
0.921
1.18
330
EKMM251VSN331MP35T
22
35
P35
0.753
1.3
390
EKMM251VSN391MP40T
22
40
P40
0.638
1.49
470
EKMM251VSN471MP45T
22
45
P45
0.529
1.65
560
EKMM251VSN561MP50T
22
50
P50
0.444
1.67
150
EKMM251VSN151MQ20T
25.4
20
Q20
1.658
0.74
180
EKMM251VSN181MQ20T
25.4
20
Q20
1.381
0.75
220
EKMM251VSN221MQ25T
25.4
25
Q25
1.13
0.95
270
EKMM251VSN271MQ25T
25.4
25
Q25
0.921
1.18
330
EKMM251VSN331MQ30T
25.4
30
Q30
0.753
1.3
390
EKMM251VSN391MQ35T
25.4
35
Q35
0.638
1.49
470
EKMM251VSN471MQ35T
25.4
35
Q35
0.529
1.65
560
EKMM251VSN561MQ40T
25.4
40
Q40
0.444
1.8
680
EKMM251VSN681MQ50T
25.4
50
Q50
0.366
2.0
820
EKMM251VSN821MQ60T
25.4
60
Q60
0.303
2.2
220
EKMM251VSN221MR20T
30
20
R20
1.13
0.95
270
EKMM251VSN271MR20T
30
20
R20
0.921
1.0
330
EKMM251VSN331MR25T
30
25
R25
0.753
1.3
390
EKMM251VSN391MR25T
30
25
R25
0.638
1.49
470
EKMM251VSN471MR30T
30
30
R30
0.529
1.65
560
EKMM251VSN561MR30T
30
30
R30
0.444
1.8
680
EKMM251VSN681MR35T
30
35
R35
0.366
2.0
820
EKMM251VSN821MR40T
30
40
R40
0.303
2.3
1,000
EKMM251VSN102MR50T
30
50
R50
0.249
2.47
1,200
EKMM251VSN122MR60T
30
60
R60
0.207
2.85
330
EKMM251VSN331MA20T
35
20
A20
0.753
1.16
470
EKMM251VSN471MA25T
35
25
A25
0.529
1.65
560
EKMM251VSN561MA25T
35
25
A25
0.444
1.8
680
EKMM251VSN681MA30T
35
30
A30
0.366
2.0
820
EKMM251VSN821MA35T
35
35
A35
0.303
2.3
1,000
EKMM251VSN102MA40T
35
40
A40
0.249
2.47
1,200
EKMM251VSN122MA45T
35
45
A45
0.207
2.6
1,500
EKMM251VSN152MA50T
35
50
A50
0.166
3.0
1,800
EKMM251VSN182MA60T
35
60
A60
0.138
3.42
Engineering Bulletin Mar 07
560
EKMM221VSN561MA25T
35
25
A25
0.444
1.71
680
EKMM221VSN681MA25T
35
25
A25
0.366
1.89
820
EKMM221VSN821MA30T
35
30
A30
0.303
2.16
1,000
EKMM221VSN102MA35T
35
35
A35
0.249
2.44
1,200
EKMM221VSN122MA40T
35
40
A40
0.207
2.79
1,500
EKMM221VSN152MA45T
35
45
A45
0.166
3.22
1,800
EKMM221VSN182MA50T
35
50
A50
0.138
3.63
2,200
EKMM221VSN222MA60T
35
60
A60
0.113
4.23
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
56
EKMM3B1VSN560MN20T
20
20
N20
4.44
0.38
68
EKMM3B1VSN680MN25T
20
25
N25
3.656
0.47
82
EKMM3B1VSN820MN25T
20
25
N25
3.032
0.64
100
EKMM3B1VSN101MN30T
20
30
N30
2.486
0.69
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM201VSN122MR45T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMM201VSN122MR45T ETC2-EKMM201VSN122MR45T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
More results

Similar Description - EKMM201VSN122MR45T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN123MP25T CHEMI-CON-EKMH6R3VSN123MP25T Datasheet
180Kb / 15P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com