Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMH250VSN153MQ45T Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # EKMH250VSN153MQ45T
Description  Standard Voltage Ratings - Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH250VSN153MQ45T Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button EKMH250VSN153MQ45T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 11Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 12Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 13Page - United Chemi-Con, Inc. EKMH250VSN153MQ45T Datasheet HTML 14Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
180 Volts
225 Volts Surge
160 Volts
200 Volts Surge
100 Volts
125 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10 / 15
KMH Series
220
EKMH161VSN221MP20T
22
20
P20
1.13
0.8
270
EKMH161VSN271MP25T
22
25
P25
0.614
1.09
330
EKMH161VSN331MP25T
22
25
P25
0.502
1.2
390
EKMH161VSN391MP30T
22
30
P30
0.425
1.3
470
EKMH161VSN471MP35T
22
35
P35
0.353
1.4
560
EKMH161VSN561MP40T
22
40
P40
0.296
1.5
680
EKMH161VSN681MP45T
22
45
P45
0.244
1.71
820
EKMH161VSN821MP50T
22
50
P50
0.202
1.93
330
EKMH161VSN331MQ20T
25.4
20
Q20
0.753
1.02
390
EKMH161VSN391MQ25T
25.4
25
Q25
0.425
1.28
470
EKMH161VSN471MQ25T
25.4
25
Q25
0.353
1.41
560
EKMH161VSN561MQ30T
25.4
30
Q30
0.296
1.51
680
EKMH161VSN681MQ35T
25.4
35
Q35
0.244
1.7
820
EKMH161VSN821MQ40T
25.4
40
Q40
0.202
2.01
1,000
EKMH161VSN102MQ45T
25.4
45
Q45
0.166
2.2
1,200
EKMH161VSN122MQ50T
25.4
50
Q50
0.138
2.45
390
EKMH161VSN391MR20T
30
20
R20
0.638
1.17
470
EKMH161VSN471MR20T
30
20
R20
0.529
1.28
560
EKMH161VSN561MR25T
30
25
R25
0.296
1.56
680
EKMH161VSN681MR25T
30
25
R25
0.244
1.72
820
EKMH161VSN821MR30T
30
30
R30
0.202
2.0
1,000
EKMH161VSN102MR35T
30
35
R35
0.166
2.22
1,200
EKMH161VSN122MR40T
30
40
R40
0.138
2.44
1,500
EKMH161VSN152MR45T
30
45
R45
0.111
2.82
1,800
EKMH161VSN182MR50T
30
50
R50
0.092
3.31
560
EKMH161VSN561MA20T
35
20
A20
0.444
1.54
680
EKMH161VSN681MA20T
35
20
A20
0.366
1.7
820
EKMH161VSN821MA25T
35
25
A25
0.303
1.91
1,000
EKMH161VSN102MA25T
35
25
A25
0.249
2.11
1,200
EKMH161VSN122MA30T
35
30
A30
0.207
2.44
1,500
EKMH161VSN152MA35T
35
35
A35
0.166
2.5
1,800
EKMH161VSN182MA45T
35
45
A45
0.138
3.31
2,200
EKMH161VSN222MA50T
35
50
A50
0.113
3.77
3,300
EKMH161VSN332MA63T
35
63
A63
0.075
3.96
3,900
EKMH161VSN392MA80T
35
80
A80
0.064
4.61
1,200
EKMH161VQT122MB25T
40
25
B25
0.207
1.96
1,800
EKMH161VQT182MB30T
40
30
B30
0.138
2.52
2,200
EKMH161VQT222MB35T
40
35
B35
0.113
2.89
2,700
EKMH161VQT272MB40T
40
40
B40
0.092
3.3
3,300
EKMH161VQT332MB50T
40
50
B50
0.075
3.87
4,700
EKMH161VQT472MB63T
40
63
B63
0.053
4.94
5,600
EKMH161VQT562MB80T
40
80
B80
0.044
5.86
5,600
EKMH101VSN562MA63T
35
63
A63
0.044
4.08
6,800
EKMH101VSN682MA80T
35
80
A80
0.037
4.81
2,200
EKMH101VQT222MB25T
40
25
B25
0.113
2.1
2,700
EKMH101VQT272MB30T
40
30
B30
0.092
2.44
3,300
EKMH101VQT332MB35T
40
35
B35
0.075
2.8
4,700
EKMH101VQT472MB40T
40
40
B40
0.053
3.44
5,600
EKMH101VQT562MB50T
40
50
B50
0.044
3.99
8,200
EKMH101VQT822MB63T
40
63
B63
0.03
5.16
10,000
EKMH101VQT103MB80T
40
80
B80
0.025
6.19
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
180
EKMH181VSN181MP20T
22
20
P20
1.381
0.73
220
EKMH181VSN221MP20T
22
20
P20
1.13
0.8
270
EKMH181VSN271MP25T
22
25
P25
0.614
0.96
330
EKMH181VSN331MP25T
22
25
P25
0.502
1.06
390
EKMH181VSN391MP30T
22
30
P30
0.425
1.3
470
EKMH181VSN471MP35T
22
35
P35
0.353
1.35
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH250VSN153MQ45T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH250VSN CHEMI-CON-EKMH250VSN Datasheet
183Kb / 15P
   Snap Mount
More results

Similar Description - EKMH250VSN153MQ45T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN391MP30T CHEMI-CON-EKMM181VSN391MP30T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com