Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32D6R3HPN683MA54M Datasheet(PDF) 11 Page - United Chemi-Con, Inc.

Part # E32D6R3HPN683MA54M
Description  Screw Terminals
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32D6R3HPN683MA54M Datasheet(HTML) 11 Page - United Chemi-Con, Inc.

Back Button E32D6R3HPN683MA54M Datasheet HTML 4Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 5Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 6Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 7Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 8Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 9Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 10Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 11Page - United Chemi-Con, Inc. E32D6R3HPN683MA54M Datasheet HTML 12Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
350 Volts
400 Volts Surge
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
11/ 12
U32D Series
10,000
E32D251HPN103MDB7M
2.500
4.625
DB7
18.5
14.74
12,000
E32D251HPN123MDE3M
2.500
5.625
DE3
13.6
17.65
10,000
E32D251HPN103ME92M
3.000
3.625
E92
18.8
14.67
12,000
E32D251HPN123MEA5M
3.000
4.125
EA5
15.9
16.99
15,000
E32D251HPN153MED0M
3.000
5.125
ED0
12.7
20.82
18,000
E32D251HPN183MEE3M
3.000
5.625
EE3
11.2
23.78
27,000
E32D251HPN273MEN0M
3.000
8.625
EN0
7.7
35.30
180
E32D351HPN181MA41M
1.375
1.625
A41
882.3
1.43
330
E32D351HPN331MA54M
1.375
2.125
A54
475.0
2.08
470
E32D351HPN471MA67M
1.375
2.625
A67
332.0
2.52
560
E32D351HPN561MA79M
1.375
3.125
A79
277.6
3.05
680
E32D351HPN681MA92M
1.375
3.625
A92
228.5
3.36
820
E32D351HPN821MAA5M
1.375
4.125
AA5
189.6
3.43
1,000
E32D351HPN102MAB7M
1.375
4.625
AB7
156.0
3.87
1,200
E32D351HPN122MAD0M
1.375
5.125
AD0
130.0
4.45
470
E32D351HPN471MC48M
2.000
1.875
C48
342.0
2.80
680
E32D351HPN681MC54M
2.000
2.125
C54
235.0
3.53
1,000
E32D351HPN102MC67M
2.000
2.625
C67
156.0
3.72
1,200
E32D351HPN122MC79M
2.000
3.125
C79
131.3
4.37
1,800
E32D351HPN182MC92M
2.000
3.625
C92
88.0
5.72
2,200
E32D351HPN222MCB7M
2.000
4.625
CB7
71.9
7.04
2,700
E32D351HPN272MCD0M
2.000
5.125
CD0
59.0
8.18
2,200
E32D351HPN222MD79M
2.500
3.125
D79
75.0
6.75
3,300
E32D351HPN332MDA5M
2.500
4.125
DA5
50.0
9.32
3,900
E32D351HPN392MDB7M
2.500
4.625
DB7
42.0
10.63
4,700
E32D351HPN472MDE3M
2.500
5.625
DE3
35.0
12.76
3,900
E32D351HPN392ME92M
3.000
3.625
E92
44.0
10.58
4,700
E32D351HPN472MEA5M
3.000
4.125
EA5
37.0
12.28
5,600
E32D351HPN562MEB7M
3.000
4.625
EB7
32.0
14.03
6,800
E32D351HPN682MED0M
3.000
5.125
ED0
27.0
16.19
10,000
E32D351HPN103MEN0M
3.000
8.625
EN0
17.9
24.81
220
E32D3B1HPN221MA41M
1.375
1.625
A41
750.3
1.59
330
E32D3B1HPN331MA54M
1.375
2.125
A54
492.0
2.08
470
E32D3B1HPN471MA67M
1.375
2.625
A67
343.8
2.52
680
E32D3B1HPN681MA79M
1.375
3.125
A79
237.8
3.36
820
E32D3B1HPN821MA92M
1.375
3.625
A92
197.2
3.14
1,000
E32D3B1HPN102MAA5M
1.375
4.125
AA5
161.9
8.46
1,200
E32D3B1HPN122MAD0M
1.375
5.125
AD0
134.9
9.96
470
E32D3B1HPN471MC48M
2.000
1.875
C48
354.0
2.80
680
E32D3B1HPN681MC54M
2.000
2.125
C54
243.1
3.53
1,000
E32D3B1HPN102MC67M
2.000
2.625
C67
164.1
3.72
1,200
E32D3B1HPN122MC79M
2.000
3.125
C79
135.9
4.37
1,800
E32D3B1HPN182MC92M
2.000
3.625
C92
91.0
5.72
2,200
E32D3B1HPN222MCA5M
2.000
4.125
CA5
75.0
6.70
2,700
E32D3B1HPN272MCB7M
2.000
4.625
CB7
61.3
7.80
3,300
E32D3B1HPN332MCE3M
2.000
5.625
CE3
50.3
9.44
2,200
E32D3B1HPN222MD79M
2.500
3.125
D79
77.0
6.75
3,300
E32D3B1HPN332MDA5M
2.500
4.125
DA5
51.7
9.32
3,900
E32D3B1HPN392MDB7M
2.500
4.625
DB7
43.7
10.63
4,700
E32D3B1HPN472MDD0M
2.500
5.125
DD0
36.9
12.22
3,900
E32D3B1HPN392ME92M
3.000
3.625
E92
45.7
10.58
4,700
E32D3B1HPN472MEA5M
3.000
4.125
EA5
38.2
12.28
5,600
E32D3B1HPN562MEB7M
3.000
4.625
EB7
32.4
14.03
6,800
E32D3B1HPN682MED0M
3.000
5.125
ED0
27.2
16.19
8,200
E32D3B1HPN822MEE3M
3.000
5.625
EE3
23.1
18.53
12,000
E32D3B1HPN123MEN0M
3.000
8.625
EN0
16.0
27.17
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E32D6R3HPN683MA54M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN683MA54M CHEMI-CON-E32D6R3HPN683MA54M Datasheet
148Kb / 12P
   Large Can
More results

Similar Description - E32D6R3HPN683MA54M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com