Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXA100ARA471MJC0S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXA100ARA471MJC0S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXA100ARA471MJC0S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXA100ARA471MJC0S Datasheet HTML 1Page - United Chemi-Con, Inc. APXA100ARA471MJC0S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Surface Mount
CAT. No. E1001E
?STANDARD RATINGS
WV(Vdc)
Cap(mF)
Size code
Leakage current
(mAmax/after 2 min.)
ESR
(momax/20c, 100kHz)
Rated ripple current
(mArms/100k to 300kHz)
-55 to +105c
Part No.
2.5
220
F55
110
25
2500
APXA2R5ARA221MF55G
220
F60
110
25
2500
APXA2R5ARA221MF60G
560
H70
280
23
3100
APXA2R5ARA561MH70G
680
HC0
340
12
4770
APXA2R5ARA681MHC0S
1000
J80
500
19
4240
APXA2R5ARA102MJ80G
1500
JC0
750
10
5500
APXA2R5ARA152MJC0S
4
100
F55
80
26
2450
APXA4R0ARA101MF55G
100
F60
80
26
2450
APXA4R0ARA101MF60G
150
F55
120
26
2450
APXA4R0ARA151MF55G
150
F60
120
26
2450
APXA4R0ARA151MF60G
220
H70
176
25
3020
APXA4R0ARA221MH70G
330
H70
264
25
3020
APXA4R0ARA331MH70G
470
J80
376
20
4130
APXA4R0ARA471MJ80G
560
HC0
448
12
4770
APXA4R0ARA561MHC0S
680
J80
544
20
4130
APXA4R0ARA681MJ80G
820
JC0
656
10
5500
APXA4R0ARA821MJC0S
1200
JC0
960
10
5500
APXA4R0ARA122MJC0S
6.3
68
F60
85.7
27
2400
APXA6R3ARA680MF60G
82
F55
103
27
2400
APXA6R3ARA820MF55G
82
F60
103
27
2400
APXA6R3ARA820MF60G
100
F55
126
27
2400
APXA6R3ARA101MF55G
100
F60
126
27
2400
APXA6R3ARA101MF60G
120
F60
151
27
2400
APXA6R3ARA121MF60G
150
H70
189
25
3020
APXA6R3ARA151MH70G
220
H70
277
25
3020
APXA6R3ARA221MH70G
330
J80
416
20
4130
APXA6R3ARA331MJ80G
390
HC0
491
12
4770
APXA6R3ARA391MHC0S
470
J80
592
20
4130
APXA6R3ARA471MJ80G
470
HC0
592
12
4770
APXA6R3ARA471MHC0S
680
JC0
857
10
5500
APXA6R3ARA681MJC0S
820
JC0
1033
10
5500
APXA6R3ARA821MJC0S
10
47
F60
94
31
2250
APXA100ARA470MF60G
56
F55
112
31
2250
APXA100ARA560MF55G
56
F60
112
31
2250
APXA100ARA560MF60G
120
H70
240
27
2800
APXA100ARA121MH70G
150
H70
300
27
2800
APXA100ARA151MH70G
270
J80
540
24
3770
APXA100ARA271MJ80G
270
HC0
540
14
4420
APXA100ARA271MHC0S
330
J80
660
24
3770
APXA100ARA331MJ80G
330
HC0
660
14
4420
APXA100ARA331MHC0S
470
JC0
940
12
5300
APXA100ARA471MJC0S
560
JC0
1120
12
5300
APXA100ARA561MJC0S
16
33
F60
106
37
2050
APXA160ARA330MF60G
39
F55
125
37
2050
APXA160ARA390MF55G
39
F60
125
37
2050
APXA160ARA390MF60G
82
H70
262
30
2700
APXA160ARA820MH70G
150
J80
480
26
3430
APXA160ARA151MJ80G
180
J80
576
26
3430
APXA160ARA181MJ80G
180
HC0
576
16
4360
APXA160ARA181MHC0S
220
JC0
704
14
5050
APXA160ARA221MJC0S
330
JC0
1056
14
5050
APXA160ARA331MJC0S
20
22
F55
88
50
1650
APXA200ARA220MF55G
22
F60
88
50
1650
APXA200ARA220MF60G
39
H70
156
45
2000
APXA200ARA390MH70G
47
H70
188
45
2000
APXA200ARA470MH70G
82
J80
328
40
2500
APXA200ARA820MJ80G
25
10
F60
125
65
1500
APXA250ARA100MF60G
22
H70
275
50
1800
APXA250ARA220MH70G
39
J80
488
45
2100
APXA250ARA390MJ80G
(2/2)


Similar Part No. - APXA100ARA471MJC0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXA100ARA471MJC0G CHEMI-CON-APXA100ARA471MJC0G Datasheet
67Kb / 2P
   PXANPCAPTM- Series
APXA100ARA471MJC0G CHEMI-CON-APXA100ARA471MJC0G Datasheet
308Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXA100ARA471MJC0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com