Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMG201ESS100MJ16S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMG201ESS100MJ16S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMG201ESS100MJ16S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMG201ESS100MJ16S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMG201ESS100MJ16S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMG201ESS100MJ16S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Standard, Downsized, 105C
CAT. No. E1001E
Sleeve (PET)
L'
15min.
4min.
Vent
(except F5)
@Downsized from KME series
@Solvent-proof type except 350 to 450Vdc
(see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C)
(at 20C, 120Hz)
(at 120Hz)
(at 20C after 1 minute)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105C(6.3 to 100Vdc) -40 to +105C(160 to 400Vdc) -25 to +105C(450Vdc)
6.3 to 450Vdc
P20% (M)
6.3 to 100Vdc
160 to 450Vdc
I=0.03CV or 4MA, whichever is greater.
After 1minute
After 5minutes
CV[1000
I=0.1CV+40 max.
I=0.03CV+15 max.
CV
>1000
I=0.04CV+100 max.
I=0.02CV+25 max.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 1000 hours (2000 hours to meet the following two conditions 1) : 160Vdc and larger, 2) : F12.5 and larger) at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Rated voltage
6.3 to 100Vdc
160 to 450Vdc
Capacitance change
[P20% of the initial value
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value [200% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
Characteristics
6.3V
0.34
10V
0.24
16V
0.20
25V
0.16
35V
0.14
50V
0.12
63V
0.10
100V
0.08
450V
0.24
160 to 250V
0.20
350 to 400V
0.24
6.3V
5
12
10V
4
10
16V
3
8
25V
2
5
35V
2
4
50V
2
3
63V
2
3
100V
2
3
450V
6
-
160 to 250V
3
4
350 to 400V
6
6
Time
CV
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
downsized
KMG
downsized
KME
KMQ
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 0.1MF:R10,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,35V:350,100V:101)
Series code
Category
E K M G A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (radial lead type)"
(1/3)


Similar Part No. - EKMG201ESS100MJ16S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMG201E CHEMI-CON-EKMG201E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
logo
Nippon Precision Circui...
EKMG201E100MJ16S NPC-EKMG201E100MJ16S Datasheet
419Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
EKMG201E100MJ16S NICHICON-EKMG201E100MJ16S Datasheet
419Kb / 3P
   Endurance with ripple current 1,000 to 2,000 hours at 105
logo
Nippon Precision Circui...
EKMG201E101ML25S NPC-EKMG201E101ML25S Datasheet
419Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
EKMG201E101ML25S NICHICON-EKMG201E101ML25S Datasheet
419Kb / 3P
   Endurance with ripple current 1,000 to 2,000 hours at 105
More results

Similar Description - EKMG201ESS100MJ16S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com