Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMM181VSN821MP40T Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # ESMM181VSN821MP40T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM181VSN821MP40T Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

Back Button ESMM181VSN821MP40T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMM181VSN821MP40T Datasheet HTML 11Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
SMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/11
120
ESMM3B1VSN121MN25T
20
25
N25
2.763
0.89
150
ESMM3B1VSN151MN30T
20
30
N30
2.21
1.05
180
ESMM3B1VSN181MN35T
20
35
N35
1.381
1.18
220
ESMM3B1VSN221MN35T
20
35
N35
1.13
1.3
270
ESMM3B1VSN271MN45T
20
45
N45
0.921
1.52
330
ESMM3B1VSN331MN50T
20
50
N50
0.753
1.73
100
ESMM3B1VSN101MP20T
22
20
P20
3.315
0.79
150
ESMM3B1VSN151MP25T
22
25
P25
2.21
1.06
180
ESMM3B1VSN181MP30T
22
30
P30
1.381
1.29
220
ESMM3B1VSN221MP30T
22
30
P30
1.13
1.41
270
ESMM3B1VSN271MP35T
22
35
P35
0.921
1.68
330
ESMM3B1VSN331MP40T
22
40
P40
0.753
1.91
390
ESMM3B1VSN391MP45T
22
45
P45
0.638
2.07
120
ESMM3B1VSN121MQ20T
25.4
20
Q20
2.763
0.9
150
ESMM3B1VSN151MQ20T
25.4
20
Q20
2.21
1.0
180
ESMM3B1VSN181MQ25T
25.4
25
Q25
1.381
1.38
220
ESMM3B1VSN221MQ25T
25.4
25
Q25
1.13
1.47
270
ESMM3B1VSN271MQ30T
25.4
30
Q30
0.921
1.7
330
ESMM3B1VSN331MQ35T
25.4
35
Q35
0.753
1.94
390
ESMM3B1VSN391MQ40T
25.4
40
Q40
0.638
2.11
470
ESMM3B1VSN471MQ45T
25.4
45
Q45
0.529
2.31
560
ESMM3B1VSN561MQ50T
25.4
50
Q50
0.444
2.46
180
ESMM3B1VSN181MR20T
30
20
R20
1.381
1.16
220
ESMM3B1VSN221MR20T
30
20
R20
1.13
1.28
270
ESMM3B1VSN271MR25T
30
25
R25
0.921
1.55
330
ESMM3B1VSN331MR25T
30
25
R25
0.753
1.98
390
ESMM3B1VSN391MR30T
30
30
R30
0.638
2.15
470
ESMM3B1VSN471MR35T
30
35
R35
0.529
2.38
560
ESMM3B1VSN561MR35T
30
35
R35
0.444
2.63
680
ESMM3B1VSN681MR45T
30
45
R45
0.366
2.82
820
ESMM3B1VSN821MR50T
30
50
R50
0.303
3.28
270
ESMM3B1VSN271MA20T
35
20
A20
0.921
1.43
390
ESMM3B1VSN391MA25T
35
25
A25
0.638
1.95
560
ESMM251VSN561MP40T
22
40
P40
0.444
2.48
680
ESMM251VSN681MP50T
22
50
P50
0.366
2.61
220
ESMM251VSN221MQ20T
25.4
20
Q20
1.13
1.22
330
ESMM251VSN331MQ25T
25.4
25
Q25
0.753
1.61
390
ESMM251VSN391MQ30T
25.4
30
Q30
0.638
1.88
470
ESMM251VSN471MQ35T
25.4
35
Q35
0.529
2.15
560
ESMM251VSN561MQ35T
25.4
35
Q35
0.444
2.35
680
ESMM251VSN681MQ40T
25.4
40
Q40
0.366
2.67
820
ESMM251VSN821MQ45T
25.4
45
Q45
0.303
3.01
330
ESMM251VSN331MR20T
30
20
R20
0.753
1.58
390
ESMM251VSN391MR25T
30
25
R25
0.638
1.86
470
ESMM251VSN471MR25T
30
25
R25
0.529
2.05
560
ESMM251VSN561MR25T
30
25
R25
0.444
2.35
680
ESMM251VSN681MR30T
30
30
R30
0.366
2.71
820
ESMM251VSN821MR35T
30
35
R35
0.303
2.98
1,000
ESMM251VSN102MR40T
30
40
R40
0.249
3.56
1,200
ESMM251VSN122MR45T
30
45
R45
0.207
3.99
390
ESMM251VSN391MA20T
35
20
A20
0.638
1.71
470
ESMM251VSN471MA20T
35
20
A20
0.529
1.88
680
ESMM251VSN681MA25T
35
25
A25
0.366
2.58
820
ESMM251VSN821MA30T
35
30
A30
0.303
2.96
1,000
ESMM251VSN102MA35T
35
35
A35
0.249
3.48
1,200
ESMM251VSN122MA35T
35
35
A35
0.207
3.84
1,500
ESMM251VSN152MA40T
35
40
A40
0.166
4.33
1,800
ESMM251VSN182MA50T
35
50
A50
0.138
4.54
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMM181VSN821MP40T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM181VSN821MP40T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com