Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXZ350ESS330MEB5D Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXZ350ESS330MEB5D
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXZ350ESS330MEB5D Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXZ350ESS330MEB5D Datasheet HTML 1Page - United Chemi-Con, Inc. ELXZ350ESS330MEB5D Datasheet HTML 2Page - United Chemi-Con, Inc. ELXZ350ESS330MEB5D Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, Downsized, 105C
CAT. No. E1001E
@Newly innovative electrolyte and internal architecture are employed
@Very low impedance at high frequency range
@Endurance with ripple current: 105C 2000 to 8000 hours
@Solvent-proof type (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Endurance
Shelf Life
Items
-55 to +105C
6.3 to 63Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase.
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified period of time at 105C.
Time
F5 & 6.3 : 2000hours F8 : 3000hours F10 : 5000hours F12.5 : 7000hours F16 & 18 : 8000hours
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
63V
0.08
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
Sleeve (PET)
L'
15min.
4min.
Vent
(Except F5 & F6.3)
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
lower Z
LXZ
LXV
KME
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 150MF:151,2200MF:222)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,25V:250,50V:500)
Series code
Category
E L X Z A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (radial lead type)"
(1/3)


Similar Part No. - ELXZ350ESS330MEB5D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ350ESS330MEB5D CHEMI-CON-ELXZ350ESS330MEB5D Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ350ESS330MEB5D CHEMI-CON-ELXZ350ESS330MEB5D Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
More results

Similar Description - ELXZ350ESS330MEB5D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com