Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETOR451CTN102ME54M Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # ETOR451CTN102ME54M
Description  Screw Terminals
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ETOR451CTN102ME54M Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  ETOR451CTN102ME54M Datasheet HTML 1Page - United Chemi-Con, Inc. ETOR451CTN102ME54M Datasheet HTML 2Page - United Chemi-Con, Inc. ETOR451CTN102ME54M Datasheet HTML 3Page - United Chemi-Con, Inc. ETOR451CTN102ME54M Datasheet HTML 4Page - United Chemi-Con, Inc. ETOR451CTN102ME54M Datasheet HTML 5Page - United Chemi-Con, Inc. ETOR451CTN102ME54M Datasheet HTML 6Page - United Chemi-Con, Inc. ETOR451CTN102ME54M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTOR Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
4/7
Type C: Clamp Specifications
Type C: Three-Footed Clamp
Clamp: Zinc with silver trivalent
chromate post treatment.
Hardware: Screw, washer and hexagon
nut included with each clamp.
G
1.0 (0.040)
J
0.5 (0.020)
K
0.5 (0.020)
R
1.0 (0.040)
S
1.0 (0.040)
T
0.5 (0.020)
13.3 (0.524)
4.5 (0.177)
7.1 (0.280)
19.1 (0.751)
9.5 (0.374)
1.0 (0.040)
A
1.0 (0.040)
B
1.0 (0.040)
Case
Ø
D
Mounting
Code
76.2 (3.000)
C
44.5 (1.750)
49.2 (1.937)
Mounting Hardware - Screw Terminals
Unit: mm (inches)
360
3
30
45
5
15
D
5.1
0.5 (2 holes)
(0.201
0.020)
J
G
K
AB
R
S
T
Engineering Bulletin Mar 07


Similar Part No. - ETOR451CTN102ME54M

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ETO-SX ETA-USA-ETO-SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO200SX ETA-USA-ETO200SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO24SX ETA-USA-ETO24SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO26SX ETA-USA-ETO26SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
ETO28SX ETA-USA-ETO28SX Datasheet
223Kb / 2P
   4.0 KW 180-264VAC
More results

Similar Description - ETOR451CTN102ME54M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com