Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT16823 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT16823
Description  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16823 Datasheet(HTML) 7 Page - Texas Instruments

  SN74ABT16823 Datasheet HTML 1Page - Texas Instruments SN74ABT16823 Datasheet HTML 2Page - Texas Instruments SN74ABT16823 Datasheet HTML 3Page - Texas Instruments SN74ABT16823 Datasheet HTML 4Page - Texas Instruments SN74ABT16823 Datasheet HTML 5Page - Texas Instruments SN74ABT16823 Datasheet HTML 6Page - Texas Instruments SN74ABT16823 Datasheet HTML 7Page - Texas Instruments SN74ABT16823 Datasheet HTML 8Page - Texas Instruments SN74ABT16823 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABT16823, SN74ABT16823
18-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS217C – JUNE 1992 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16823
SN74ABT16823
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
150
0
150
MHz
t
Pulse duration
CLR low
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
CLR inactive
1.6
2
1.6
tsu
Setup time before CLK
Data
1.7
1.7
1.7
ns
CLKEN low
2.8
2.8
2.8
th
Hold time after CLK
Data
1.2
1.2
1.2
ns
th
Hold time after CLK
CLKEN low
0.6
0.6
0.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT16823
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
CLK
Q
1.6
3.9
5.5
1.6
7.7
ns
tPHL
CLK
Q
2.1
3.9
5.4
2.1
6.4
ns
tPHL
CLR
Q
1.9
4.1
5.3
1.9
6.3
ns
tPZH
OE
Q
1
3.1
4.2
1
5.1
ns
tPZL
OE
Q
1.5
3.5
4.6
1.5
5.7
ns
tPHZ
OE
Q
2.2
4.3
6
2.2
6.8
ns
tPLZ
OE
Q
1.6
4.3
6.4
1.6
9.9
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT16823
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
CLK
Q
1.6
3.9
5.5
1.6
6.8
ns
tPHL
CLK
Q
2.1
3.9
5.4
2.1
6
ns
tPHL
CLR
Q
1.9
4.1
5.3
1.9
6.1
ns
tPZH
OE
Q
1
3.1
4.2
1
4.9
ns
tPZL
OE
Q
1.5
3.5
4.6
1.5
5.5
ns
tPHZ
OE
Q
2.2
4.3
5.6
2.2
6.1
ns
tPLZ
OE
Q
1.6
4.3
6.4
1.6
8.7
ns


Similar Part No. - SN74ABT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT16823 TI-SN74ABT16823 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16823 TI-SN74ABT16823 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16823DGGR TI-SN74ABT16823DGGR Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16823DGGR TI-SN74ABT16823DGGR Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ABT16823DGVR TI-SN74ABT16823DGVR Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16823 TI-54ACT16823_08 Datasheet
344Kb / 12P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16283A TI-SN54ABT16283A Datasheet
180Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com