Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32D160HPN223MA41M Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # E32D160HPN223MA41M
Description  Screw Terminals
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32D160HPN223MA41M Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

Back Button E32D160HPN223MA41M Datasheet HTML 4Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 5Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 6Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 7Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 8Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 9Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 10Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 11Page - United Chemi-Con, Inc. E32D160HPN223MA41M Datasheet HTML 12Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
63 Volts
79 Volts Surge
50 Volts
63 Volts Surge
35 Volts
44 Volts Surge
U32D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
8/12
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
5,600
E32D500HPN562MA41M
1.375
1.625
A41
52.2
5.66
10,000
E32D500HPN103MA54M
1.375
2.125
A54
30.3
7.25
15,000
E32D500HPN153MA67M
1.375
2.625
A67
21.3
9.01
18,000
E32D500HPN183MA79M
1.375
3.125
A79
17.9
10.92
22,000
E32D500HPN223MA92M
1.375
3.625
A92
15.1
12.58
27,000
E32D500HPN273MAA5M
1.375
4.125
AA5
12.9
15.23
33,000
E32D500HPN333MAB7M
1.375
4.625
AB7
12.5
17.22
39,000
E32D500HPN393MAE3M
1.375
5.625
AE3
9.7
20.56
15,000
E32D500HPN153MC48M
2.000
1.875
C48
24.3
10.01
18,000
E32D500HPN183MC54M
2.000
2.125
C54
19.4
11.50
27,000
E32D500HPN273MC67M
2.000
2.625
C67
13.4
14.97
39,000
E32D500HPN393MC79M
2.000
3.125
C79
10.1
19.30
56,000
E32D500HPN563MC92M
2.000
3.625
C92
8.5
22.56
68,000
E32D500HPN683MCB7M
2.000
4.625
CB7
6.5
27.67
82,000
E32D500HPN823MCD0M
2.000
5.125
CD0
5.8
29.50
100,000
E32D500HPN104MCE3M
2.000
5.625
CE3
5.6
34.03
68,000
E32D500HPN683MD79M
2.500
3.125
D79
9.4
24.55
100,000
E32D500HPN104MDA5M
2.500
4.125
DA5
6.8
31.43
120,000
E32D500HPN124MDB7M
2.500
4.625
DB7
5.9
34.04
150,000
E32D500HPN154MDE3M
2.500
5.625
DE3
5.1
37.63
120,000
E32D500HPN124ME92M
3.000
3.625
E92
8.9
33.88
150,000
E32D500HPN154MEA5M
3.000
4.125
EA5
7.8
36.22
180,000
E32D500HPN184MEB7M
3.000
4.625
EB7
6.5
38.22
220,000
E32D500HPN224MEE3M
3.000
5.625
EE3
5.7
44.44
330,000
E32D500HPN334MEN0M
3.000
8.625
EN0
4.0
65.97
4,700
E32D630HPN472MA41M
1.375
1.625
A41
57.1
5.18
6,800
E32D630HPN682MA54M
1.375
2.125
A54
33.8
6.68
10,000
E32D630HPN103MA67M
1.375
2.625
A67
23.9
7.36
12,000
E32D630HPN123MA79M
1.375
3.125
A79
20.1
8.92
15,000
E32D630HPN153MA92M
1.375
3.625
A92
16.6
10.39
18,000
E32D630HPN183MAA5M
1.375
4.125
AA5
14.3
12.44
22,000
E32D630HPN223MAB7M
1.375
4.625
AB7
12.3
14.06
27,000
E32D630HPN273MAD0M
1.375
5.125
AD0
12.1
16.36
10,000
E32D630HPN103MC48M
2.000
1.875
C48
26.7
8.18
12,000
E32D630HPN123MC54M
2.000
2.125
C54
21.5
9.39
22,000
E32D630HPN223MC67M
2.000
2.625
C67
14.8
13.52
27,000
E32D630HPN273MC79M
2.000
3.125
C79
10.8
16.06
39,000
E32D630HPN393MC92M
2.000
3.625
C92
9.1
20.62
47,000
E32D630HPN473MCB7M
2.000
4.625
CB7
6.9
23.00
56,000
E32D630HPN563MCD0M
2.000
5.125
CD0
6.2
26.34
68,000
E32D630HPN683MCE3M
2.000
5.625
CE3
6.0
30.31
47,000
E32D630HPN473MD79M
2.500
3.125
D79
9.6
22.05
68,000
E32D630HPN683MDA5M
2.500
4.125
DA5
6.9
29.84
82,000
E32D630HPN823MDB7M
2.500
4.625
DB7
6.2
29.93
100,000
E32D630HPN104MDE3M
2.500
5.625
DE3
5.2
32.23
82,000
E32D630HPN823ME92M
3.000
3.625
E92
8.9
29.71
100,000
E32D630HPN104MEA5M
3.000
4.125
EA5
7.7
34.67
120,000
E32D630HPN124MEB7M
3.000
4.625
EB7
6.9
35.58
150,000
E32D630HPN154MEE3M
3.000
5.625
EE3
5.7
39.63
220,000
E32D630HPN224MEN0M
3.000
8.625
EN0
4.0
53.86
220,000
E32D350HPN224ME92M
3.000
3.625
E92
8.3
25.19
270,000
E32D350HPN274MEB7M
3.000
4.625
EB7
6.6
32.81
330,000
E32D350HPN334MED0M
3.000
5.125
ED0
6.2
35.45
390,000
E32D350HPN394MEE3M
3.000
5.625
EE3
5.4
37.90
560,000
E32D350HPN564MEN0M
3.000
8.625
EN0
4.0
56.03
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E32D160HPN223MA41M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D160HPN223MA41M CHEMI-CON-E32D160HPN223MA41M Datasheet
148Kb / 12P
   Large Can
More results

Similar Description - E32D160HPN223MA41M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com