Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMM251VSN122MA45T Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # EKMM251VSN122MA45T
Description  Standard Voltage Ratings - Snap Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMM251VSN122MA45T Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button EKMM251VSN122MA45T Datasheet HTML 4Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 11Page - United Chemi-Con, Inc. EKMM251VSN122MA45T Datasheet HTML 12Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
350 Volts
400 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10 / 12
KMM Series
220
EKMM351VSN221MP45T
22
45
P45
1.13
1.05
270
EKMM351VSN271MP50T
22
50
P50
0.921
1.16
68
EKMM351VSN680MQ20T
25.4
20
Q20
3.656
0.46
82
EKMM351VSN820MQ20T
25.4
20
Q20
3.032
0.51
120
EKMM351VSN121MQ25T
25.4
25
Q25
2.072
0.75
150
EKMM351VSN151MQ30T
25.4
30
Q30
1.658
0.83
180
EKMM351VSN181MQ30T
25.4
30
Q30
1.381
0.92
220
EKMM351VSN221MQ35T
25.4
35
Q35
1.13
1.04
270
EKMM351VSN271MQ40T
25.4
40
Q40
0.921
1.18
330
EKMM351VSN331MQ45T
25.4
45
Q45
0.753
1.29
390
EKMM351VSN391MQ50T
25.4
50
Q50
0.638
1.51
470
EKMM351VSN471MQ60T
25.4
60
Q60
0.529
1.66
100
EKMM351VSN101MR20T
30
20
R20
2.486
0.6
120
EKMM351VSN121MR20T
30
20
R20
2.072
0.65
150
EKMM351VSN151MR25T
30
25
R25
1.658
0.82
180
EKMM351VSN181MR25T
30
25
R25
1.381
0.9
220
EKMM351VSN221MR30T
30
30
R30
1.13
1.02
270
EKMM351VSN271MR30T
30
30
R30
0.921
1.17
330
EKMM351VSN331MR35T
30
35
R35
0.753
1.34
390
EKMM351VSN391MR40T
30
40
R40
0.638
1.51
470
EKMM351VSN471MR45T
30
45
R45
0.529
1.65
560
EKMM351VSN561MR50T
30
50
R50
0.444
1.85
680
EKMM351VSN681MR60T
30
60
R60
0.366
2.15
150
EKMM351VSN151MA20T
35
20
A20
1.658
0.76
220
EKMM351VSN221MA25T
35
25
A25
1.13
1.04
270
EKMM351VSN271MA25T
35
25
A25
0.921
1.2
330
EKMM351VSN331MA30T
35
30
A30
0.753
1.22
390
EKMM351VSN391MA35T
35
35
A35
0.638
1.47
470
EKMM351VSN471MA35T
35
35
A35
0.529
1.69
560
EKMM351VSN561MA40T
35
40
A40
0.444
1.9
680
EKMM351VSN681MA50T
35
50
A50
0.366
1.99
820
EKMM351VSN821MA60T
35
60
A60
0.303
2.31
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
400 Volts
450 Volts Surge
39
EKMM401VSN390MN20T
20
20
N20
6.375
0.32
47
EKMM401VSN470MN25T
20
25
N25
5.29
0.39
56
EKMM401VSN560MN25T
20
25
N25
4.44
0.51
68
EKMM401VSN680MN30T
20
30
N30
3.656
0.56
82
EKMM401VSN820MN30T
20
30
N30
3.032
0.64
100
EKMM401VSN101MN35T
20
35
N35
2.486
0.7
120
EKMM401VSN121MN40T
20
40
N40
2.072
0.75
150
EKMM401VSN151MN45T
20
45
N45
1.658
0.83
47
EKMM401VSN470MP20T
22
20
P20
5.29
0.37
68
EKMM401VSN680MP25T
22
25
P25
3.656
0.5
82
EKMM401VSN820MP25T
22
25
P25
3.032
0.64
100
EKMM401VSN101MP30T
22
30
P30
2.486
0.7
120
EKMM401VSN121MP35T
22
35
P35
2.072
0.75
150
EKMM401VSN151MP40T
22
40
P40
1.658
0.88
180
EKMM401VSN181MP45T
22
45
P45
1.381
0.98
220
EKMM401VSN221MP50T
22
50
P50
1.13
1.1
56
EKMM401VSN560MQ20T
25.4
20
Q20
4.44
0.42
68
EKMM401VSN680MQ20T
25.4
20
Q20
3.656
0.46
100
EKMM401VSN101MQ25T
25.4
25
Q25
2.486
0.7
120
EKMM401VSN121MQ30T
25.4
30
Q30
2.072
0.75
150
EKMM401VSN151MQ30T
25.4
30
Q30
1.658
0.88
180
EKMM401VSN181MQ35T
25.4
35
Q35
1.381
0.98
220
EKMM401VSN221MQ40T
25.4
40
Q40
1.13
1.1
270
EKMM401VSN271MQ45T
25.4
45
Q45
0.921
1.22
330
EKMM401VSN331MQ50T
25.4
50
Q50
0.753
1.44
390
EKMM401VSN391MQ60T
25.4
60
Q60
0.638
1.51


Similar Part No. - EKMM251VSN122MA45T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM251VSN122MA45S CHEMI-CON-EKMM251VSN122MA45S Datasheet
98Kb / 5P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMM251VSN122MA45T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN123MP25T CHEMI-CON-EKMH6R3VSN123MP25T Datasheet
180Kb / 15P
   Standard Voltage Ratings - Snap Mount
logo
Ohmite Mfg. Co.
RES-MINIMACRO OHMITE-RES-MINIMACRO Datasheet
287Kb / 2P
   High Voltage Ratings
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
226Kb / 5P
   Voltage ratings: 200V to 600V
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com