Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCF4031031J Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # TCF4031031J
Description  TCVCXO Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCF4031031J Datasheet(HTML) 4 Page - Pletronics, Inc.

  TCF4031031J Datasheet HTML 1Page - Pletronics, Inc. TCF4031031J Datasheet HTML 2Page - Pletronics, Inc. TCF4031031J Datasheet HTML 3Page - Pletronics, Inc. TCF4031031J Datasheet HTML 4Page - Pletronics, Inc. TCF4031031J Datasheet HTML 5Page - Pletronics, Inc. TCF4031031J Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCF4 Series
TCVCXO Oscillator
January 2009
www.pletronics.com
425-776-1880
4
1
2
3
5
4
6
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
(the label will show the TCF4 actual part number)
Mechanical:
Inches
mm
A
0.098 +
_0.008
2.50 +
_0.20
B
0.079 +
_0.008
2.00 +
_0.20
C
0.040 max
1.0 max
D
1
0.072
1.84
E
1
0.047
1.20
F
1
0.030
0.75
G
1
0.091
2.30
Not to Scale
1 Typical dimensions
H
1
0.061
1.55
Contacts: Gold 11.8 µinches
0.3 µm minimum
J
1
0.028
0.70
over Nickel 50 to 350 µinches
1.27 to 8.89 µm
Pad
Function
Note
1
Vcontrol Input
If this function is not specified, recommend connecting this pad to ground.
2
none
No connection or Ground. Ground is recommended)
3
Ground (GND)
4
Output
5
none
No connection or Ground. Ground is recommended)
6
Supply Voltage (V
CC)
Recommend connecting appropriate power supply bypass capacitors as close
as possible.


Similar Part No. - TCF4031031J

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCF40 COOPER-TCF40 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF40 EATON-TCF40 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF400 EATON-TCF400 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF400RN EATON-TCF400RN Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCF40RN COOPER-TCF40RN Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
More results

Similar Description - TCF4031031J

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com