Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36F401CPN472MDE3M Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # E36F401CPN472MDE3M
Description  Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36F401CPN472MDE3M Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  E36F401CPN472MDE3M Datasheet HTML 1Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 2Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 3Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 4Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 7Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 8Page - United Chemi-Con, Inc. E36F401CPN472MDE3M Datasheet HTML 9Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
U36F Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
2/ 9
U36F Specifications - Screw Terminals
Item
Category Temperature Range
40 to
85 C
Rated Voltage Range
350 to 500VDC
Capacitance Range
1,500 to 18,000 F at
25 C, 120Hz
Capacitance Tolerance
20% ( M ) at
25 C, 120Hz
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
25 C after
subjecting them to DC voltage for 5,000 hours at
85 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
25 C after
exposing them for 500 hours at
85 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Characteristics
Leakage Current
I
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Rated Ripple Current Multipliers
Ambient Temperature ( C)
45 C
2.82
65 C
2.00
85 C
1.00
Engineering Bulletin Mar 07
Vibration Rating
Maximum Tightening Torque
10 -55Hz, 10g sinusoidal in three axis, 2 hours per axis.
Terminal
Code
Thread
Size
3 Threads Engaged
in
·lb
N
·min·lb
N
·m
6 Threads Engaged
HP
HL
CD
CP
CH
CA
CS
10 - 32 NF- 2B
M5x0.8 - 6H
M5x0.8 - 6H
1/4 - 28 NF- 2B
1/4 - 28 NF- 2B
M6x1- 6H
M6x1- 6H
18.0
18.0
18.0
35.0
35.0
35.0
35.0
2.0
2.0
2.0
4.0
4.0
4.0
4.0
25.0
25.0
25.0
55.0
55.0
55.0
55.0
2.8
2.8
2.8
6.2
6.2
6.2
6.2
Typical Inductance (nH)
at 1MHz
Terminal
Code
Case Diameter
Ø
63.5
Ø
50
Ø
76
Ø
89
HP
HL
CD
CP
CH
CA
CS
NA
NA
NA
NA
NA
30
30
25
20
25
20
25
30
30
25
20
25
20
25
Custom Designs
Custom CV values per case size and termination type may be available upon request.
Contact appropriate representative with specific requirements.


Similar Part No. - E36F401CPN472MDE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36F401CPN472MDE3M CHEMI-CON-E36F401CPN472MDE3M Datasheet
127Kb / 9P
   Large Can
More results

Similar Description - E36F401CPN472MDE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com